Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 356 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DN60 Series Data Sheet, Rev 3
84
Freescale Semiconductor
6.5.1
Port A Registers
Port A is controlled by the registers listed below.
6.5.1.1
Port A Data Register (PTAD)
6.5.1.2
Port A Data Direction Register (PTADD)
76543210
R
PTAD7
PTAD6
PTAD5
PTAD4
PTAD3
PTAD2
PTAD1
PTAD0
W
Reset:
00000000
Figure 6-3. Port A Data Register (PTAD)
Table 6-1. PTAD Register Field Descriptions
Field
Description
7:0
PTAD[7:0]
Port A Data Register Bits — For port A pins that are inputs, reads return the logic level on the pin. For port A
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port A pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTAD to all 0s, but these 0s are not driven out the corresponding pins because reset also configures
all port pins as high-impedance inputs with pull-ups/pull-downs disabled.
76543210
R
PTADD7
PTADD6
PTADD5
PTADD4
PTADD3
PTADD2
PTADD1
PTADD0
W
Reset:
00000000
Figure 6-4. Port A Data Direction Register (PTADD)
Table 6-2. PTADD Register Field Descriptions
Field
Description
7:0
PTADD[7:0]
Data Direction for Port A Bits — These read/write bits control the direction of port A pins and what is read for
PTAD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port A bit n and PTAD reads return the contents of PTADn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com