Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 64Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 65Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 356 page
background image
Chapter 4 Memory
MC9S08DN60 Series Data Sheet, Rev 3
62
Freescale Semiconductor
4.5.11.6
Flash and EEPROM Command Register (FCMD)
Only six command codes are recognized in normal user modes, as shown in Table 4-15. All other
command codes are illegal and generate an access error. Refer to Section 4.5.3, “Program and Erase
Command Execution,” for a detailed discussion of Flash and EEPROM programming and erase
operations.
It is not necessary to perform a blank check command after a mass erase operation. Only blank check is
required as part of the security unlocking mechanism.
4
FACCERR
Access Error Flag — FACCERR is set automatically when the proper command sequence is not obeyed exactly
(the erroneous command is ignored), if a program or erase operation is attempted before the FCDIV register has
been initialized, or if the MCU enters stop while a command was in progress. For a more detailed discussion of
the exact actions that are considered access errors, see Section 4.5.6, “Access Errors.” FACCERR is cleared by
writing a 1 to FACCERR. Writing a 0 to FACCERR has no meaning or effect.
0 No access error.
1 An access error has occurred.
2
FBLANK
Verified as All Blank (erased) Flag — FBLANK is set automatically at the conclusion of a blank check command
if the entire Flash or EEPROM array was verified to be erased. FBLANK is cleared by clearing FCBEF to write a
new valid command. Writing to FBLANK has no meaning or effect.
0 After a blank check command is completed and FCCF = 1, FBLANK = 0 indicates the Flash or EEPROM array
is not completely erased.
1 After a blank check command is completed and FCCF = 1, FBLANK = 1 indicates the Flash or EEPROM array
is completely erased (all 0xFFFF).
76543210
R
00000000
W
FCMD
Reset
00000000
Figure 4-10. Flash and EEPROM Command Register (FCMD)
Table 4-15. Flash and EEPROM Commands
Command
FCMD
Equate File Label
Blank check
0x05
mBlank
Byte program
0x20
mByteProg
Burst program
0x25
mBurstProg
Sector erase
0x40
mSectorErase
Mass erase
0x41
mMassErase
Sector erase abort
0x47
mEraseAbort
Table 4-14. FSTAT Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com