Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 53Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 54Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 55Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 56Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 356 page
background image
Chapter 4 Memory
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
57
if PRDIV8 = 0 — fFCLK = fBus ÷ (DIV + 1)
Eqn. 4-1
if PRDIV8 = 1 — fFCLK = fBus ÷ (8 × (DIV + 1))
Eqn. 4-2
Table 4-7 shows the appropriate values for PRDIV8 and DIV for selected bus frequencies.
4.5.11.2
Flash and EEPROM Options Register (FOPT and NVOPT)
During reset, the contents of the nonvolatile location NVOPT are copied from Flash into FOPT. To change
the value in this register, erase and reprogram the NVOPT location in Flash memory as usual and then issue
a new MCU reset.
Table 4-6. FCDIV Register Field Descriptions
Field
Description
7
DIVLD
Divisor Loaded Status Flag — When set, this read-only status flag indicates that the FCDIV register has been
written since reset. Reset clears this bit and the first write to this register causes this bit to become set regardless
of the data written.
0 FCDIV has not been written since reset; erase and program operations disabled for Flash and EEPROM.
1 FCDIV has been written since reset; erase and program operations enabled for Flash and EEPROM.
6
PRDIV8
Prescale (Divide) Flash and EEPROM Clock by 8 (This bit is write once.)
0 Clock input to the Flash and EEPROM clock divider is the bus rate clock.
1 Clock input to the Flash and EEPROM clock divider is the bus rate clock divided by 8.
5:0
DIV
Divisor for Flash and EEPROM Clock Divider — These bits are write once. The Flash and EEPROM clock
divider divides the bus rate clock (or the bus rate clock divided by 8 if PRDIV8 = 1) by the value in the 6-bit DIV
field plus one. The resulting frequency of the internal Flash and EEPROM clock must fall within the range of
200 kHz to 150 kHz for proper Flash and EEPROM operations. Program/Erase timing pulses are one cycle of
this internal Flash and EEPROM clock which corresponds to a range of 5
μs to 6.7 μs. The automated
programming logic uses an integer number of these pulses to complete an erase or program operation. See
Equation 4-1 and Equation 4-2.
Table 4-7. Flash and EEPROM Clock Divider Settings
fBus
PRDIV8
(Binary)
DIV
(Decimal)
fFCLK
Program/Erase Timing Pulse
(5
μs Min, 6.7 μs Max)
20 MHz
1
12
192.3 kHz
5.2
μs
10 MHz
0
49
200 kHz
5
μs
8 MHz
0
39
200 kHz
5
μs
4 MHz
0
19
200 kHz
5
μs
2 MHz
0
9
200 kHz
5
μs
1 MHz
0
4
200 kHz
5
μs
200 kHz
0
0
200 kHz
5
μs
150 kHz
0
0
150 kHz
6.7
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com