Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 77Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 356 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08DN60 Series Data Sheet, Rev 3
78
Freescale Semiconductor
5.8.8
System Power Management Status and Control 2 Register
(SPMSC2)
This register is used to report the status of the low-voltage warning function, and to configure the stop
mode behavior of the MCU. This register should be written during the user’s reset initialization program
to set the desired controls even if the desired settings are the same as the reset settings.
Figure 5-10. System Power Management Status and Control 2 Register (SPMSC2)
7
6
5
4
3
210
R0
0
LVDV1
1 This bit can be written only one time after power-on reset. Additional writes are ignored.
LVWV
PPDF
0
0
PPDC2
2 This bit can be written only one time after reset. Additional writes are ignored.
W
PPDACK
Power-on Reset:
0
0
0
0
0
0
0
0
LVD Reset:
0
0
u
u
0
0
0
0
Any other Reset:
0
0
u
u
0
0
0
0
= Unimplemented or Reserved
u = Unaffected by reset
Table 5-11. SPMSC2 Register Field Descriptions
Field
Description
5
LVDV
Low-Voltage Detect Voltage Select — This write-once bit selects the low-voltage detect (LVD) trip point setting.
It also selects the warning voltage range. See Table 5-12.
4
LVWV
Low-Voltage Warning Voltage Select — This bit selects the low-voltage warning (LVW) trip point voltage. See
Table 5-12.
3
PPDF
Partial Power Down Flag — This read-only status bit indicates that the MCU has recovered from stop2 mode.
0 MCU has not recovered from stop2 mode.
1 MCU recovered from stop2 mode.
2
PPDACK
Partial Power Down Acknowledge — Writing a 1 to PPDACK clears the PPDF bit.
0
PPDC
Partial Power Down Control — This write-once bit controls whether stop2 or stop3 mode is selected.
0 Stop3 mode enabled.
1 Stop2, partial power down, mode enabled.
Table 5-12. LVD and LVW Trip Point Typical Values1
1 See Electrical Characteristics appendix for minimum and maximum values.
LVDV:LVWV
LVW Trip Point
LVD Trip Point
0:0
VLVW0 = 2.74 V
VLVD0 = 2.56 V
0:1
VLVW1 = 2.92 V
1:0
VLVW2 = 4.3 V
VLVD1 = 4.0 V
1:1
VLVW3 = 4.6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com