Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 36Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 37Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 38Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 39Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 40Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 41Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 42Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 43Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 356 page
background image
Chapter 4 Memory
MC9S08DN60 Series Data Sheet, Rev 3
40
Freescale Semiconductor
4.3
Register Addresses and Bit Assignments
The registers in the MC9S08DN60 Series are divided into these groups:
•
Direct-page registers are located in the first 128 locations in the memory map; these are accessible
with efficient direct addressing mode instructions.
•
High-page registers are used much less often, so they are located above 0x1800 in the memory
map. This leaves more room in the direct page for more frequently used registers and RAM.
•
The nonvolatile register area consists of a block of 16 locations in Flash memory at
0xFFB0–0xFFBF. Nonvolatile register locations include:
— NVPROT and NVOPT are loaded into working registers at reset
— An 8-byte backdoor comparison key that optionally allows a user to gain controlled access to
secure memory
Because the nonvolatile register locations are Flash memory, they must be erased and programmed
like other Flash memory locations.
Direct-page registers can be accessed with efficient direct addressing mode instructions. Bit manipulation
instructions can be used to access any bit in any direct-page register. Table 4-2 is a summary of all
user-accessible direct-page registers and control bits.
The direct page registers in Table 4-2 can use the more efficient direct addressing mode, which requires
only the lower byte of the address. Because of this, the lower byte of the address in column one is shown
in bold text. In Table 4-3 and Table 4-4, the whole address in column one is shown in bold. In Table 4-2,
Table 4-3, and Table 4-4, the register names in column two are shown in bold to set them apart from the
bit names to the right. Cells that are not associated with named bits are shaded. A shaded cell with a 0
indicates this unused bit always reads as a 0. Shaded cells with dashes indicate unused or reserved bit
locations that could read as 1s or 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com