Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 32Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 356 page
background image
Chapter 2 Pins and Connections
MC9S08DN60 Series Data Sheet, Rev 3
30
Freescale Semiconductor
3
Pin
Number
<-- Lowest
Priority
--> Highest
64 48 32
Port
Pin/Interrupt
Alt 1
Alt 2
1
1
— PTB6
PIB6
ADP14
2
— — PTC5
3
2
1
PTA7
PIA7
ADP7
IRQ
4
— — PTC6
5
3
— PTB7
PIB7
ADP15
6
— — PTC7
742
VDD
853
VSS
9
6
4
PTG0
EXTAL
10
7
5
PTG1
XTAL
11
8
6
RESET
12
9
— PTF4
ACMP2+
13 10 — PTF5
ACMP2-
14 — — PTF6
ACMP2O
15 11
7
PTE0
TxD1
16 12
8
PTE12
RxD12
17 13
9
PTE2
SS
18 14 10 PTE3
SPSCK
19 15 11 PTE4
SCL3
MOSI
20 16 12 PTE5
SDA3
MISO
21 — — PTG2
22 — — PTG3
23 17 — PTF0
24 18 — PTF1
25 19 — PTF2
TPM1CLK
SCL3
26 20 — PTF3
TPM2CLK
SDA3
27 — — PTG4
28 — — PTG5
29 21 13 PTE6
30 22 14 PTE7
31 23 15 PTD0
PID0
TPM2CH0
32 24 16 PTD1
PID1
TPM2CH1
33 25 17 PTD2
PID2
TPM1CH0
34 26 18 PTD3
PID3
TPM1CH1
35 27 19 PTD4
PID4
TPM1CH2
36 28 20 PTD5
PID5
TPM1CH3
37 — — PTF7
38 29 —
VSS
39 30 —
VDD
40 31 — PTD6
PID6
TPM1CH4
41 32 — PTD7
PID7
TPM1CH5
42 33 21
BKGD
MS
43 — — PTC0
44 34 22 PTB0
PIB0
ADP8
45 — — PTC1
46 35 23 PTA0
PIA0
ADP0
MCLK
47 — — PTC2
48 36 24 PTB1
PIB1
ADP9
49 37 25 PTA1
PIA1
ADP11
ACMP1+1
50 38 — PTB2
PIB2
ADP10
51 39 26 PTA2
PIA2
ADP21
ACMP1-1
52 — — PTC3
53 40 — PTB3
PIB3
ADP11
54 41 27 PTA3
PIA3
ADP3
ACMP1O
55
42 28
VSSA
56
VREFL
57
43 29
VREFH
58
VDDA
59 44 30 PTA4
PIA4
ADP4
60 45 — PTB4
PIB4
ADP12
61 — — PTC4
62 46 31 PTA5
PIA5
ADP5
63 47 — PTB5
PIB5
ADP13
64 48 32 PTA6
PIA6
ADP6
Pin
Number
<-- Lowest
Priority
--> Highest
64 48 32
Port
Pin/Interrupt
Alt 1
Alt 2
Table 2-1. Pin Availability by Package Pin-Count
1. If both of these analog modules are enabled, they both will have access to the pin.
2. Pin does not contain a clamp diode to VDD and should not be driven above VDD. The voltage measured on this pin when internal
pull-up is enabled may be as low as VDD – 0.7 V. The internal gates connected to this pin are pulled to VDD.
3. The IIC module pins can be repositioned using IICPS bit in the SOPT1 register. The default reset locations are on PTF2 and PTF3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com