Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 69Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 70Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 71Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 72Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 73Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 74Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 75Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 76Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 356 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
73
5.8.3
System Background Debug Force Reset Register (SBDFR)
This high page register contains a single write-only control bit. A serial background command such as
WRITE_BYTE must be used to write to SBDFR. Attempts to write this register from a user program are
ignored. Reads always return 0x00.
Figure 5-4. System Background Debug Force Reset Register (SBDFR)
2
LOC
Loss of Clock — Reset was caused by a loss of external clock.
0 Reset not caused by loss of external clock
1 Reset caused by loss of external clock
1
LVD
Low-Voltage Detect — If the LVDRE bit is set and the supply drops below the LVD trip voltage, an LVD reset will
occur. This bit is also set by POR.
0 Reset not caused by LVD trip or POR.
1 Reset caused by LVD trip or POR.
76543210
R
00000000
W
BDFR1
1 BDFR is writable only through serial background debug commands, not from user programs.
Reset:
00000000
= Unimplemented or Reserved
Table 5-4. SBDFR Register Field Descriptions
Field
Description
0
BDFR
Background Debug Force Reset — A serial background command such as WRITE_BYTE can be used to allow
an external debug host to force a target system reset. Writing 1 to this bit forces an MCU reset. This bit cannot
be written from a user program.
Table 5-3. SRS Register Field Descriptions
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com