Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 64Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 356 page
background image
Chapter 4 Memory
MC9S08DN60 Series Data Sheet, Rev 3
Freescale Semiconductor
61
4.5.11.5
Flash and EEPROM Status Register (FSTAT)
0x1B
0x2800–0xFFFF
54K
72
0x1A
0x2200–0xFFFF
55.5K
74
0x19
0x1C00–0xFFFF
57K
76
0x18–0x00
0x0000–0xFFFF
64K
86
76543210
R
FCBEF
FCCF
FPVIOL
FACCERR
0
FBLANK
0
0
W
Reset
11000000
= Unimplemented or Reserved
Figure 4-9. Flash and EEPROM Status Register (FSTAT)
Table 4-14. FSTAT Register Field Descriptions
Field
Description
7
FCBEF
Command Buffer Empty Flag — The FCBEF bit is used to launch commands. It also indicates that the
command buffer is empty so that a new command sequence can be executed when performing burst
programming. The FCBEF bit is cleared by writing a 1 to it or when a burst program command is transferred to
the array for programming. Only burst program commands can be buffered.
0 Command buffer is full (not ready for additional commands).
1 A new burst program command can be written to the command buffer.
6
FCCF
Command Complete Flag — FCCF is set automatically when the command buffer is empty and no command
is being processed. FCCF is cleared automatically when a new command is started (by writing 1 to FCBEF to
register a command). Writing to FCCF has no meaning or effect.
0 Command in progress
1 All commands complete
5
FPVIOL
Protection Violation Flag — FPVIOL is set automatically when a command that attempts to erase or program
a location in a protected block is launched (the erroneous command is ignored). FPVIOL is cleared by writing a
1 to FPVIOL.
0 No protection violation.
1 An attempt was made to erase or program a protected location.
Table 4-13. Flash Block Protection (continued)
FPS
Address Area Protected
Memory Size Protected (bytes)
Number of Sectors Protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com