Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08DN60F1CLF Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # MC9S08DN60F1CLF
Description  Microcontrollers
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DN60F1CLF Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button MC9S08DN60F1CLF Datasheet HTML 56Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08DN60F1CLF Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 356 page
background image
Chapter 4 Memory
MC9S08DN60 Series Data Sheet, Rev 3
60
Freescale Semiconductor
Table 4-11. FPROT Register Field Descriptions
Field
Description
7:6
EPS
EEPROM Protect Select Bits — This 2-bit field determines the protected EEPROM locations that cannot be
erased or programmed. See Table 4-12.
5:0
FPS
Flash Protect Select Bits — This 6-bit field determines the protected Flash locations that cannot be erased or
programmed. SeeTable 4-13.
Table 4-12. EEPROM Block Protection
EPS
Address Area Protected
Memory Size Protected (bytes)
Number of Sectors Protected
0x3
N/A
0
0
0x2
0x17F0 - 0x17FF
32
4
0x1
0x17E0 - 0x17FF
64
8
0x0
0x17C0–0x17FF
128
16
Table 4-13. Flash Block Protection
FPS
Address Area Protected
Memory Size Protected (bytes)
Number of Sectors Protected
0x3F
N/A
0
0
0x3E
0xFA00–0xFFFF
1.5K
2
0x3D
0xF400–0xFFFF
3K
4
0x3C
0xEE00–0xFFFF
4.5K
6
0x3B
0xE800–0xFFFF
6K
8
...
...
...
...
0x37
0xD000–0xFFFF
12K
16
0x36
0xCA00–0xFFFF
13.5K
18
0x35
0xC400–0xFFFF
15K
20
0x34
0xBE00–0xFFFF
16.5K
22
...
...
...
...
0x2C
0x8E00–0xFFFF
28.5K
38
0x2B
0x8800–0xFFFF
30K
40
0x2A
0x8200–0xFFFF
31.5K
42
0x29
0x7C00–0xFFFF
33K
44
...
...
...
...
0x22
0x5200–0xFFFF
43.5K
58
0x21
0x4C00–0xFFFF
45K
60
0x20
0x4600–0xFFFF
46.5K
62
0x1F
0x4000–0xFFFF
48K
64
...
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com