Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 102 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 102 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 98Page - Intel Corporation PIIX3 Datasheet HTML 99Page - Intel Corporation PIIX3 Datasheet HTML 100Page - Intel Corporation PIIX3 Datasheet HTML 101Page - Intel Corporation PIIX3 Datasheet HTML 102Page - Intel Corporation PIIX3 Datasheet HTML 103Page - Intel Corporation PIIX3 Datasheet HTML 104Page - Intel Corporation PIIX3 Datasheet HTML 105Page - Intel Corporation PIIX3 Datasheet HTML 106Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
102
Universal Serial
Bus D river (USBD)
Universal Host
Controller Driver (HCD)
PIIX3
Universal Host Controller (HC)
USB D evice
USB
usb_blk. drw
Hardware
Client Softw are
System
Software
USB Device
USB
Universal Host
Controller Interface
(UHCI)
USB_BLK
Figure 6. USB System Conceptual View
3.7.
Interval Timer
The PIIX/PIIX3 contains three counters that are equivalent to those found in the 82C54 programmable
interval timer. The three counters are contained in one PIIX/PIIX3 timer unit, referred to as Timer-1. Each
counter output provides a key system function. Counter 0 is connected to interrupt controller IRQ0 and
provides a system timer interrupt for a time-of-day, diskette time-out, or other system timing functions.
Counter 1 generates a refresh request signal and Counter 2 generates the tone for the speaker. The
14.31818 MHz counters normally use OSC as a clock source.
Counter 0, System Timer
This counter functions as the system timer by controlling the state of IRQ0 and is typically programmed for
mode 3 operation. The counter produces a square wave with a period equal to the product of the counter
period (838 ns) and the initial count value. The counter loads the initial count value one counter period after
software writes the count value to the counter I/O address. The counter initially asserts IRQ0 and decrements
the count value by two each counter period. The counter negates IRQ0 when the count value reaches 0. It
then reloads the initial count value and again decrements the initial count value by two each counter period.
The counter then asserts IRQ0 when the count value reaches 0, reloads the initial count value, and repeats
the cycle, alternately asserting and negating IRQ0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com