Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 106 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 106 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 102Page - Intel Corporation PIIX3 Datasheet HTML 103Page - Intel Corporation PIIX3 Datasheet HTML 104Page - Intel Corporation PIIX3 Datasheet HTML 105Page - Intel Corporation PIIX3 Datasheet HTML 106Page - Intel Corporation PIIX3 Datasheet HTML 107Page - Intel Corporation PIIX3 Datasheet HTML 108Page - Intel Corporation PIIX3 Datasheet HTML 109Page - Intel Corporation PIIX3 Datasheet HTML 110Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
106
APICCS# is generated when the PCI memory cycle address matches the APIC’s programmed address and
the APICCS# function is enabled in the XBCS Register. The APIC address can be relocated by programming
the APIC Base Address Register (APICBASE).
APICCS# is only generated for PCI originated cycles and is not generated for ISA originated cycles. This PCI
cycle is forwarded to the ISA bus. To avoid address aliasing conflicts with other ISA devices, PIIX3 drives
SA[19:16] and LA[23:17] to 0 and drives SA[15:0] corresponding to PCI AD[15:2] and C/BE[3:0]#.
When the APICCS# function is enabled, the XOE#/XDIR# signals controlling the X-bus tranceiver and the
SOE#/SDIR signals controlling the IDE DD isolation transceiver are also enabled during accesses to the
IOAPIC.
The IOAPIC signals (APICCS#, APICREQ#, and APICACK#) are multiplexed with DD14, TESTIN#, and
PCIRST#, respectively. Figure 9 shows how these signals are connected in systems with and without the
IOAPIC device.
The internal IRQ0 signal can be routed to the external pin MIRQ0 using bit 5 in the MBIRQ Route Control
Register 0. This changes MIRQ0 to an output signal and allows the IRQ0 signal to be connected to the
external IO-APIC. The secondary IDE device interrupt should then be routed to IRQ15.
PIIX3
DD14/APICCS#
TESTIN#/APICREQ#
PICRST#/APICACK#
I/O APIC
CS#
APICREQ#
APICACK#
RSTDRV
PCIRST#
RSTDRV
PIIX3
DD14/APICCS#
TESTIN#/APICREQ#
PICRST#/APICACK#
RSTDRV
TESTIN#
PCIRST#
No
Connect
RSTDRV
PIIX3 With I/O APIC
PIIX3 Without I/O APIC
apic_sys.drw
APIC_SYS
Figure 9. APIC Signal Connections
3.10.
INTR Signaling with Pentium® processor Local APIC in Virtual Wire Mode
The Pentium® processor with a Local APIC enabled in Virtual Wire (also called Through Local) mode
requires a minimum deassertion time on the INTR signal. The PIIX3 asserts INTR asynchronously in a
method compatible with the 8259A Programmable Interrupt Controller, which does not guarantee this
minimum deassertion time.
This only affects Pentium® processors which have a Local APIC and the Local APIC is in Virtual Wire mode
of operation. This results in the following system impacts:
Pentium® uni-processor system with no IO-APIC: No impact since the Pentium processor Local
APIC must be placed in Bypass mode of operation. This includes 430VX systems with PIIX3 and
430HX systems with PIIX3 but no IO-APIC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com