Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 110 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 110 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 106Page - Intel Corporation PIIX3 Datasheet HTML 107Page - Intel Corporation PIIX3 Datasheet HTML 108Page - Intel Corporation PIIX3 Datasheet HTML 109Page - Intel Corporation PIIX3 Datasheet HTML 110Page - Intel Corporation PIIX3 Datasheet HTML 111Page - Intel Corporation PIIX3 Datasheet HTML 112Page - Intel Corporation PIIX3 Datasheet HTML 113Page - Intel Corporation PIIX3 Datasheet HTML 114Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
110
The two APM Registers are located in normal I/O space. The PIIX/PIIX3 subtractively decodes PCI accesses
to these registers and forwards the accesses to the ISA Bus. The APM Registers are not accessible by ISA
masters. Note that the remaining power management registers are located in PCI configuration space.
3.12.3.
CLOCK CONTROL
The CPU can be put in a low power state by asserting the STPCLK# signal. STPCLK# is an interrupt to the
CPU. However, for this type of interrupt, the CPU does not generate an interrupt acknowledge cycle. Once
the STPCLK# interrupt is executed, the CPU enters the stop grant state. In this state, the CPU’s internal
clocks are disabled and instruction execution is stopped. The stop grant state is exited when the STPCLK#
signal is negated.
Software can assert STPCLK#, if enabled via the SMICNTL Register, by a read of the APMC Register. Note
that STPCLK# can also be periodically asserted by using clock scaling as described below.
The PIIX/PIIX3 automatically negates STPCLK# when a break event occurs (if enabled in the SEE Register).
Software can negate STPCLK# by disabling STPCLK# in the SMICNTL Register or by a write to the APMC
Register.
Clock Scaling (Emulating Clock Division)
Clock scaling permits the PIIX/PIIX3 to periodically place the CPU in a low power state. This emulates clock
division. When clock scaling is enabled, the CPU runs at full frequency for a pre-defined time period and then
is stopped for a pre-defined time period. The run/stop time interval ratio emulates the clock division effect
from a power/performance point of view. However, clock scaling is more effective than dividing the CPU
frequency. For example, if the CPU is in the stop grant state and a break event occurs, the CPU clock returns
to full frequency. In addition, there is no recovery time latency to start the clock.
Two programmable 8-bit clock scale timer control registers set the STPCLK# high (negate) and low (assert)
times — the CTLTMRH and CTLTMRL Registers. The timer is clocked by a 32 usec internal clock. This
allows a programmable timer interval for both the STPCLK# high and low times of 0-8 msec.
3.13.
Reset Support
The PIIX/PIIX3 integrates the system reset logic for the system. The PIIX/PIIX3 generates CPURST,
PCIRST#, and RSTDRV during power up (PWROK) and when a hard reset is initiated through the RC
register.
For the PIIX3, the PCIRST# signal is multiplexed with APICACK#. When an external IOAPIC is used, the
PCIRST# functionality is provided by externally inverting the RSTDRV signal (see Stand-Alone IOAPIC
Support section).
The following PIIX/PIIX3 signals interface directly to the processor:
-
CPURST
-
INTR
-
NMI
-
IGNNE#
-
SMI#
-
STPCLK#
These signals are open drain. Thus, external logic is not required for interfacing with the processors based on
3.3V technology which do no support 5V tolerant input buffers. During power-up these signals are driven low
to prevent problems associated with 5V/3.3V power sequencing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com