Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIIX3 Datasheet(PDF) 111 Page - Intel Corporation

Part # PIIX3
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PIIX3 Datasheet(HTML) 111 Page - Intel Corporation

Back Button PIIX3 Datasheet HTML 107Page - Intel Corporation PIIX3 Datasheet HTML 108Page - Intel Corporation PIIX3 Datasheet HTML 109Page - Intel Corporation PIIX3 Datasheet HTML 110Page - Intel Corporation PIIX3 Datasheet HTML 111Page - Intel Corporation PIIX3 Datasheet HTML 112Page - Intel Corporation PIIX3 Datasheet HTML 113Page - Intel Corporation PIIX3 Datasheet HTML 114Page - Intel Corporation PIIX3 Datasheet HTML 115Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
111
Some PCI devices may drive 3.3V friendly signals directly to 3.3V devices that are not 5V tolerant. If such
signals are powered from the 5V supply they must be driven low when PCIRST# is asserted. Some of these
signals may need to be driven high before CPURST is negated. PCIRST# is negated 1 ms to 2 ms before
CPURST to allow time for this to occur.
3.13.1.
HARDWARE STRAPPING OPTIONS
For the PIIX/PIIX3, the SYSCLK signal is used during a hard reset to select the ISA clock divisor (sampled
high for divisor of 3 – 25 MHz PCI operation. Sampled low for a divisor of 4 – 33 MHz or 30 MHz PCI
operation).
A 10K ohm resistor, jumperable as a pull up or pull down, on SYSCLK, can be used to configure divide-by-3
or divide-by-4 SYSCLK frequency. The logic level sensed on SYSCLK at reset configures the frequency. An
alternate solution is using an open drain buffer enabled only during reset to drive the appropriate level on
SYSCLK.
For the PIIX, a strapping option on the TC during a hard reset selects between ISA DMA mode and an
external DMA mode (sampled high for ISA DMA mode and low for external DMA mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com