Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 40Page - STMicroelectronics STA1295 Datasheet HTML 41Page - STMicroelectronics STA1295 Datasheet HTML 42Page - STMicroelectronics STA1295 Datasheet HTML 43Page - STMicroelectronics STA1295 Datasheet HTML 44Page - STMicroelectronics STA1295 Datasheet HTML 45Page - STMicroelectronics STA1295 Datasheet HTML 46Page - STMicroelectronics STA1295 Datasheet HTML 47Page - STMicroelectronics STA1295 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 109 page
background image
Package pinouts and signal description
STA1295, STA1275
44/109
DS12586 Rev 5
ARM_VDD
(Cont’d)
—
U18
P
—
ARM A7 supply
—
U19
—
VDD_IO_ON
—
E16
P
—
3.3 V Always_on supply
VDD_ON_VREG
—
E18
P
—
1.2 V (LDO) Always_on output
voltage. Connect it to a 2.2nF
capacitor to GND.
PLL_VREG3.3V
—
P17
P
—
3.3 V for PLLs voltage regulator
(LDOs)
VDD_IO_3V3
—
E7
P
—
3.3 V Digital I/O supply
—
F6
—
—
F7
—
—
F8
—
—
F9
—
—
F10
—
—
G8
—
—
G9
—
—
G10
—
—
H9
—
—
H10
—
—
H11
—
—
T13
—
—
T14
—
—
T15
—
—
U13
—
—
U14
—
—
U15
—
—
U16
—
—
V13
—
—
V14
—
—
V15
—
VDD_IO_1V8
—
H7
P
—
1.8 V or 3.3 V for SDMMC0 (4 bit
only) and GPIO31
GND
—
A1
P
—
Digital ground
—
A23
—
—
E8
—
Table 25. Power signals (continued)
Name
GPIOs
BALLs DIR
Power
domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com