Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 93 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 89Page - STMicroelectronics STA1295 Datasheet HTML 90Page - STMicroelectronics STA1295 Datasheet HTML 91Page - STMicroelectronics STA1295 Datasheet HTML 92Page - STMicroelectronics STA1295 Datasheet HTML 93Page - STMicroelectronics STA1295 Datasheet HTML 94Page - STMicroelectronics STA1295 Datasheet HTML 95Page - STMicroelectronics STA1295 Datasheet HTML 96Page - STMicroelectronics STA1295 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 109 page
background image
DS12586 Rev 5
93/109
STA1295, STA1275
Electrical characteristics
106
4.12
Regulator specifications
4.12.1
Always-on LDO (3V3TO1V2 low power regulator)
4.12.2
VDDIO_ON main voltage detector
4.12.3
PLL LDO (3V3TO2V5 low power regulator)
Table 49. 3V3TO1V2 low power regulator
Symbol
Parameter
Limit values
Unit
Min.
Typ. Max.
VASupply
SR
Analog supply
3.0
3.3
3.6
V
Vout(@100μA)
P
Output voltage @ Iload = max
1.14
1.2
1.26
V
Cload
SR
Total off chip capacitance value(1)
1. This is mandatory for proper device functionality.
——
2.2
nF
PSRR
S
Power supply rejection at DC @ Full load
—
-50
-40
dB
PSRR
S
Power supply rejection at 1 MHz @ Full load
—
-50
-40
dB
Tstart
S
Start up time from power down to active
—
—
500
μs
Table 50. VDDIO_ON supply LVD
Symbol
Parameter
Limit values
Unit
Min.
Typ.
Max.
Vuthres P
Upper voltage threshold (Value @ 27C, 0 sigma)
Sigma: 12 mV
2.78
—
2.92
V
Vlthres P
lower voltage threshold (Value @ 27C, 0 sigma)
Sigma: 12 mV
2.69
—
2.83
V
Vhyst S Hysteresis
—
90
—
mV
Table 51. 3V3TO2V5 regulator
Symbol
Parameter
Limit values
Unit
Min.
Typ.
Max.
VASupply
SR Analog supply
3.0
3.3
3.6
V
Vout
P Output voltage @ Iload = max
2.375
2.5
2.63
V
Cload
SR
Total off chip capacitance values (1)
—4.7
—
µF
ESR of each external capacitor in frequency range
of 100 kHz - 100 MHz
10 m
—
150 m
Ω
PSRR_DC
S Power supply rejection at DC @ NO load
—
—
-23
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com