Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 10Page - STMicroelectronics STA1295 Datasheet HTML 11Page - STMicroelectronics STA1295 Datasheet HTML 12Page - STMicroelectronics STA1295 Datasheet HTML 13Page - STMicroelectronics STA1295 Datasheet HTML 14Page - STMicroelectronics STA1295 Datasheet HTML 15Page - STMicroelectronics STA1295 Datasheet HTML 16Page - STMicroelectronics STA1295 Datasheet HTML 17Page - STMicroelectronics STA1295 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 109 page
background image
System description
STA1295, STA1275
14/109
DS12586 Rev 5
2.8.9
Destination buffer color formats
2.9
2D Smart Graphics Accelerator
The aim of the Smart Graphic Accelerator (SGA) is to provide an efficient 2D primitive
drawing tool that breaks down the MIPS and power consumption related to bit blitting and
composition tasks.
2D-Graphics features:
•
2D Rendering Speed: up to 208 MPixel/s
•
Pixel, Line, Filled Triangle, Filled Rectangle primitives
•
Line-Stippling, Filling Pattern
•
Flat and Gradient colour fill (in triangles and rectangles)
Video Overlay features:
•
Bit-Blitting on Rectangle, Triangle shapes
•
Image Resizing (Bilinear Interpolation Filter or Sub/OverSampling)
•
Image Rotation (with any angle)
•
Colour Conversion (YUV-to-RGB or RGB-to-YUV, 16-235 clamping possible)
•
Transparency extraction (exact Colour Keying or Colour Cube (triple interval)
•
Colour Swap with Colour Keying
•
Alpha-Blending of 3 sources to a destination, ROP boolean operations
•
Dithering operator
Blend modes
Porter-Duff blending modes
Render target dithering support Yes
Table 8. Render Target / Alpha blending (continued)
Features
GPU support
Table 9. Destination buffer color formats
Features
GPU support
Bits
Format
Alpha
R
G
B
Destination color formats
16
ARGB4444
4444
16
ARGB1555
1555
16
RGB565
0565
32
ARGB8888
8888
32
ARGB8888
8888



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com