Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 82Page - STMicroelectronics STA1295 Datasheet HTML 83Page - STMicroelectronics STA1295 Datasheet HTML 84Page - STMicroelectronics STA1295 Datasheet HTML 85Page - STMicroelectronics STA1295 Datasheet HTML 86Page - STMicroelectronics STA1295 Datasheet HTML 87Page - STMicroelectronics STA1295 Datasheet HTML 88Page - STMicroelectronics STA1295 Datasheet HTML 89Page - STMicroelectronics STA1295 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 109 page
background image
Electrical characteristics
STA1295, STA1275
86/109
DS12586 Rev 5
Figure 5. 24-26 MHz crystal connection
To drive the 24/26 MHz crystal pins from an external clock source, use Force Through
Mode: Bias MXTALO at 1.25 V. Apply external single ended square clock at MXTALI. Input
clock should be of CMOS level (Low = GND, High = 2.5 V). Clock is available after OSC
startup time.
4.9
Sound subsystem
4.9.1
ADC1: Microphone
ΣΔ ADC electrical characteristics
CL
CL
24-26 MHz
Crystal
MXTALI
MXTALO
Device
LMMXTAL RMMXTAL CMMXTAL
COMXTAL
Crystal Model
Table 43. MICADC electrical characteristics
Symbol
Parameter
Limit values
Unit
Min.
Typ.
Max.
VASupply
SR Analog supply
3.0
3.3
3.6
V
Vin
S
Differential analog input
5.6
Vp-p
2.0
Vrms
Vin
SR Single ended analog input
2.8
Vp-p
1.0
Vrms
Vcom
P
DC coupled input common mode
1.5
1.65
1.8
V
AC coupled input common mode
0
1.65
3.3
SNR
V
Differential mode signal to noise ratio
(A-weighted, Output rate 48 kHz, BW = 20 kHz)
86
dB
SNR
V
Differential mode signal to noise ratio
(Unweighted, Output rate 48 kHz, BW = 3.2 kHz)
88
dB
SNR
V
Single ended mode signal to noise ratio
(A-weighted, Output rate 48 kHz, BW = 20 kHz)
80
dB
SNR
V
Single ended mode Signal to Noise ratio
(Unweighted, Output rate 48 kHz, BW = 3.2 kHz)
81
dB
THD + N
V
Differential mode Total harmonic distortion + Noise
-80
-85
dB
THD + N
V
Single ended mode Total harmonic distortion + Noise
-74
-79
dB
VMIC_BIAS
P
MIC_BIAS
2.5(1)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com