Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 74Page - STMicroelectronics STA1295 Datasheet HTML 75Page - STMicroelectronics STA1295 Datasheet HTML 76Page - STMicroelectronics STA1295 Datasheet HTML 77Page - STMicroelectronics STA1295 Datasheet HTML 78Page - STMicroelectronics STA1295 Datasheet HTML 79Page - STMicroelectronics STA1295 Datasheet HTML 80Page - STMicroelectronics STA1295 Datasheet HTML 81Page - STMicroelectronics STA1295 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 109 page
background image
Electrical characteristics
STA1295, STA1275
78/109
DS12586 Rev 5
Table 35: Accordo5 - STA1295 - current consumption
provides an indication of power
consumption on each power supply rail for different use cases. All measurements are taken
on standard process samples, in typical conditions (midpoint of supply voltage range and
25°C junction temperature).
Cases 1 and 2 are relevant as low power consumption modes, typically operated on battery
supply.
Current consumption on VDD_IO_ON power rail is listed were relevant (which means in the
low power use cases, when battery operated). In the other use cases it can be considered
not relevant (< 0.1 mA).
A power consumption measurement campaign should be repeated by customer using their
actual application, that will surely differ from ST software demo applications in the way
software is implemented and optimized.
FETM
P
Operating frequency for
ETM
VDD = 1.14 V
TC = 85 °C
——
70
—
MHz
FGraphics
P
Operating frequency for
Graphics
——
445
—
FSTM
P
Operating frequency for
STM
——
70
—
FJTAG(1)
P
Operating frequency for
JTAG
——
20
—
1. Values programmable through configurable PLL. Refer to SRC chapter for details.
2. The value of 600 MHz allows coupling with the maximum interconnect frequency of 200 MHz.
3. The value indicated as typical is the relevant one in some of the use cases where the IP itself can run up to
the frequency value indicated as maximum, but standard external components/cards cannot; typical setting
is recommended as a consequence.
Table 34. Frequency limits (continued)
Symbol
Parameter
Test
condition
Limit values
Notes
Unit
Min.
Typ.
Max.
Table 35. Accordo5 - STA1295 - current consumption
Use case
I_VDD
(mA)
I_ARM_
VDD
(mA)
I_VDDIO_
3V3 (mA)
I_VDDQ
(mA)
I_AVDD
(mA)
I_USB
(mA)
I_VDD_
IO_ON
(uA)
TOTAL
POWER
(mW)
Deep standby(1)
000000
0.016
0.053
Deep standby(2)
000000
0.021
0.07
Idle
125
15
17.9
66
30
1
—
319.569
Smartphone
mirroring
application(3)
707
163
133
164
26
19
—
1852.8
Video decoding
application(4)
628
60
74
135
40
18
—
1443.45
Cortex-A7 CPUs
50%
556
146
73
93
40
13
—
1383.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com