Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 47 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 43Page - STMicroelectronics STA1295 Datasheet HTML 44Page - STMicroelectronics STA1295 Datasheet HTML 45Page - STMicroelectronics STA1295 Datasheet HTML 46Page - STMicroelectronics STA1295 Datasheet HTML 47Page - STMicroelectronics STA1295 Datasheet HTML 48Page - STMicroelectronics STA1295 Datasheet HTML 49Page - STMicroelectronics STA1295 Datasheet HTML 50Page - STMicroelectronics STA1295 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 109 page
background image
DS12586 Rev 5
47/109
STA1295, STA1275
Package pinouts and signal description
106
GND
(Cont’d)
—
Y12
P
—
Digital ground
—
AA4
—
—
AA7
—
—
AA10
—
—
AB12
—
—
AC1
—
—
AC6
—
—
AC8
—
—
AC9
—
—
AC11
—
—
AC23
—
VDD_2_5V
—
E14
P
—
2.5 V LDO (PLL) output voltage.
Connect it to a 4.7 uF capacitor
to GND.
VDD_2_5V_XOSC
—
R19
P
—
2.5 V supply for internal oscillator
to be shorted with VDD_2_5V.
VDD_2_5V_PLL3_4
—
P16
P
—
2.5 V supply for PLL3 and PLL4
to be shorted with VDD_2_5V.
VDD_2_5V_PLL1_2
—
P18
P
—
2.5 V supply for PLL1 and PLL2
to be shorted with VDD_2_5V.
XOSC_AGND
—
P
—
Analog ground
SOC_AGND
—
W18
P
—
Analog ground
OSC32K_GND
—
F16
P
—
Digital ground
VDDQ
—
H1
P
—
DDR3L I/O power
—
H3
—
—
H5
—
—
J7
—
—
K4
—
—
K7
—
—
L7
—
—
M7
—
—
N4
—
—
N7
—
—
P7
—
—
R7
—
—
T4
—
Table 25. Power signals (continued)
Name
GPIOs
BALLs DIR
Power
domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com