Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 94 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 90Page - STMicroelectronics STA1295 Datasheet HTML 91Page - STMicroelectronics STA1295 Datasheet HTML 92Page - STMicroelectronics STA1295 Datasheet HTML 93Page - STMicroelectronics STA1295 Datasheet HTML 94Page - STMicroelectronics STA1295 Datasheet HTML 95Page - STMicroelectronics STA1295 Datasheet HTML 96Page - STMicroelectronics STA1295 Datasheet HTML 97Page - STMicroelectronics STA1295 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 109 page
background image
Electrical characteristics
STA1295, STA1275
94/109
DS12586 Rev 5
4.12.4
USB 1V8 LDO (3V3TO1V8 low power regulator)
4.12.5
USB 1V1 LDO (3V3TO1V1 low power regulator)
PSRR
S Power supply rejection at 2 MHZ @ NO load
—
—
-12
dB
Tstart
S
Start up time from power down to active after input
supply stabilizes (Supply rise time of 1 µs)
——
300
µs
1. This is mandatory for proper device functionality.
Table 51. 3V3TO2V5 regulator (continued)
Symbol
Parameter
Limit values
Unit
Min.
Typ.
Max.
Table 52. 3V3TO1V8 regulator
Symbol
Parameter
Limit values
Unit
Min.
Typ.
Max.
VASupply SR Analog supply(1)
1. USB_VREG3V3_1V8, USB0_VDD3V3 and USB1_VDD3V3 are internally shorted in the device IO ring.
3.0
3.3
3.6
V
Vout
P Output voltage @ Iload = max
1.71
—
1.87
V
Cload
SR Total off chip capacitance value(2)
2. This is mandatory for proper device functionality.
—4.7
—
µF
ESR of each external capacitor in frequency range
of 100 kHz - 100 MHz
10 m
—
150 m
Ω
PSRR_DC
S Power supply rejection at DC @ NO load
—
—
-40
dB
PSRR
S Power supply rejection at 2 MHz @ NO load
—
—
-11
dB
Tstart
S
Start up time from power down to active after input
supply stabilizes (Supply rise time of 1 µs)
—
—
300
µs
Table 53. 3V3TO1V1 regulator
Symbol
Parameter
Limit values
Unit
Min. Typ. Max.
VASupply
SR Analog supply
3.0
3.3
3.6
V
Vout
P Output voltage @ Iload = max
1.0
1.1
—
V
Cload
SR Total off chip capacitance value(1)
1. Mandatory for proper device functionality
—4.7
—
µF
PSRR_DC
S Power supply rejection at DC @ Full load
—
—
-30
dB
PSRR
S Power supply rejection at 1 MHz @ Full load
—
—
-28
dB
Tstart
S
Start up time from power down to active after input
supply stabilizes (Supply rise time of 1 µs)
——
300
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com