Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 72Page - STMicroelectronics STA1295 Datasheet HTML 73Page - STMicroelectronics STA1295 Datasheet HTML 74Page - STMicroelectronics STA1295 Datasheet HTML 75Page - STMicroelectronics STA1295 Datasheet HTML 76Page - STMicroelectronics STA1295 Datasheet HTML 77Page - STMicroelectronics STA1295 Datasheet HTML 78Page - STMicroelectronics STA1295 Datasheet HTML 79Page - STMicroelectronics STA1295 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 109 page
background image
Electrical characteristics
STA1295, STA1275
76/109
DS12586 Rev 5
4.4
Electrical sensitivity
Based on two different tests (ESD and LU) using specific measurement methods, the
product is stressed in order to determine its performance in terms of electrical sensitivity.
4.4.1
Electrostatic discharge (ESD)
Note:
All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for
Automotive Grade Integrated Circuits.
A device will be defined as a failure if after exposure to ESD pulses the device no longer
meets the device specification requirements. Complete DC parametric and functional
testing shall be performed per applicable device specification at room temperature followed
by hot temperature, unless specified otherwise in the device specification.
4.4.2
Static latch-up (LU)
4.5
Thermal characteristics
Devices are available in both Consumer Grade and Automotive Grade Qualification (AEC-
Q100 Grade 3).
Table 31. ESD absolute maximum ratings
Symbol
Ratings
Conditions
Class
Max value(1)
1. Data is based on qualification results, not tested in production.
Unit
VESD0 (HBM)
Electrostatic
discharge voltage
(Human body model)
Conforming to
AEC-Q100-002
H2
2000
V
VESD (CDM)
Electrostatic
discharge voltage
(Charged device
model)
Conforming to
AEC-Q100-011
C4
500
750 (for corners)
Table 32. Latch-up results
Symbol
Ratings
Conditions
Class
LU
Static latch-up class
Conforming to JESD 78
II level A
Table 33. Thermal characteristics
Symbol
Parameter
Limit values
Unit
Min
Max
Toper
SR
Operative ambient temperature
-40
+85
°C
Tj
SR
Operative junction temperature
-40
+125
°C
Tst
SR
Storage temperature
-55
+125
°C
Θj-a
S
Thermal resistance junction to ambient(1)
—
19.6
°C/W
Ψj-b
S
Thermal resistance junction to board(1)
—11.8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com