Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 1 Page - STMicroelectronics

  STA1295 Datasheet HTML 1Page - STMicroelectronics STA1295 Datasheet HTML 2Page - STMicroelectronics STA1295 Datasheet HTML 3Page - STMicroelectronics STA1295 Datasheet HTML 4Page - STMicroelectronics STA1295 Datasheet HTML 5Page - STMicroelectronics STA1295 Datasheet HTML 6Page - STMicroelectronics STA1295 Datasheet HTML 7Page - STMicroelectronics STA1295 Datasheet HTML 8Page - STMicroelectronics STA1295 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 109 page
background image
This is information on a product in full production.
April 2021
DS12586 Rev 5
1/109
STA1295, STA1275
Accordo5 - Automotive infotainment processors for display audio
and cluster applications
Datasheet - production data
Features
• AEC-Q100 qualified Grade 3
Core and infrastructure
• ARM® Single or Dual Core Cortex® A7 up to
650 MHz with NEON instructions and FPU
• Memory organization
– L1 Cache: 32 KB instruction, 32 KB data
– L2 Cache: 256 KB
– 768 KB embedded SRAM
– 16/32-bit DDR3L interface at 660 MHz
– Serial Quad IO NOR interface
– 16-bit Parallel NAND Controller
• 32-bit watchdog timer
• 16-channels DMA
• 8x 32-bit free running timers/counters
• 5x 16-bit Extended Function Timer (EFT) with
input capture/output compare and PWM
• Real Time Clock (RTC) with fraction readout
• Temperature sensor
Audio subsystem
• Sound processing DSP (450 MIPS)
• 6 stereo channels hardware sample rate
converter
• 6x Audio DAC with 103 dB SNR
A-weighted
• 6x Rx/Tx Audio interfaces (I2S/ multi-channel
ports, with SPI mode)
• 1x stereo ADC for AUX IN/Tuner with internal
switching logic (for 2 sources); 98 dB SNR
A-weighted
• 2x differential Mono ADC for Voice/Tel-IN with
internal switching logic; 98 dB SNR
A-weighted
Media interfaces
• 3x secure-digital multimedia memory card
interface (SD/MMC)
• 2x USB 2.0 Dual Role with integrated PHY
(Fast charger function supported)
• 1x RMII/RGMII Ethernet AVB MAC
• SPDIF with CDROM block decoder support
Display subsystem
• Multi-layer TFT dRGB Controller: up to 1080p
• Resistive Touch screen controller
• Video input port, ITU-601/656
• 3D graphics acceleration (OpenGL® ES 2.0)
• 2D graphics Bit Blit/Blend engine
• H264 / Multi-Format Video Decoder
Embedded secure vehicle interface
• Dedicated ARM® Cortex® M3 MCU
• 256 KB isolated embedded memory
• Secured NOR interface
• CAN interfaces: 1x CAN, 2x CAN FD
www.st.com


Similar Part No. - STA1295

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA120 STMICROELECTRONICS-STA120 Datasheet
183Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
STA120 STMICROELECTRONICS-STA120 Datasheet
194Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
STA120D STMICROELECTRONICS-STA120D Datasheet
183Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
DIGITAL AUDIO INTERFACE RECEIVER
Dec-2002
logo
AUK corp
STA124 AUK-STA124 Datasheet
124Kb / 3P
PNP Silicon Transistor
More results

Similar Description - STA1295

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
IMX51A FREESCALE-IMX51A Datasheet
1Mb / 160P
i.MX51A Automotive and Infotainment Applications Processors
IMX51A FREESCALE-IMX51A_10 Datasheet
2Mb / 172P
i.MX51A Automotive and Infotainment Applications Processors
MCIMX53XA FREESCALE-MCIMX53XA Datasheet
1Mb / 180P
i.MX53xA Automotive and Infotainment Applications Processors
IMX53AEC FREESCALE-IMX53AEC Datasheet
2Mb / 178P
Automotive and Infotainment Applications Processors
IMX51AEC FREESCALE-IMX51AEC Datasheet
3Mb / 175P
i.MX51A Automotive and infotainment applications processors
logo
NXP Semiconductors
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX53AEC NXP-IMX53AEC Datasheet
1Mb / 184P
i.MX53xA Automotive and Infotainment Applications Processors
Rev. 8, 02/2021
IMX51AEC NXP-IMX51AEC Datasheet
3Mb / 175P
i.MX51A Automotive and Infotainment Applications Processors
Rev. 6, 10/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com