Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 60Page - STMicroelectronics STA1295 Datasheet HTML 61Page - STMicroelectronics STA1295 Datasheet HTML 62Page - STMicroelectronics STA1295 Datasheet HTML 63Page - STMicroelectronics STA1295 Datasheet HTML 64Page - STMicroelectronics STA1295 Datasheet HTML 65Page - STMicroelectronics STA1295 Datasheet HTML 66Page - STMicroelectronics STA1295 Datasheet HTML 67Page - STMicroelectronics STA1295 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 109 page
background image
Package pinouts and signal description
STA1295, STA1275
64/109
DS12586 Rev 5
P15
VDD
—
—
P16
VDD_2_5V_PLL3_4
—
—
P17
PLL_VREG3.3V
—
—
P18
VDD_2_5V_PLL1_2
—
—
P19
ADC2_VREFP
—
—
P20
SYS_MXTALI
—
—
P21
ADC2_AIN8
—
—
P22
GPIO19
PU
4
P23
GPIO21
PU
4
R1
DDR_RASn
—
—
R2
DDR_CASn
—
—
R3
GND
—
—
R4
DDR_CS0n
—
—
R5
DDR_CS1n
—
—
R6
DDR_WEn
—
—
R7
VDDQ
—
—
R8
GND
—
—
R9
VDD
—
—
R10
VDD
—
—
R11
VDD
—
—
R12
VDD
—
—
R13
GND
—
—
R14
VDD
—
—
R15
GND
—
—
R16
ARM_VDD
—
—
R17
ARM_VDD
—
—
R18
USB_VREG3V3_1V8
—
—
R19
VDD_2_5V_XOSC
—
—
R20
M3_GPIO7_WAKE7
PD
2
R21
GPIO20
PU
4
R22
GPIO16
PU
4
R23
GPIO18
PU
4
T1
GND
—
—
T2
DDR_ODT0
—
—
T3
DDR_ODT1
—
—
Table 27. STA1275 and STA1295 ball list (continued)
Ball
Signal
Pull up/down
Driving strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com