Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 92 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 88Page - STMicroelectronics STA1295 Datasheet HTML 89Page - STMicroelectronics STA1295 Datasheet HTML 90Page - STMicroelectronics STA1295 Datasheet HTML 91Page - STMicroelectronics STA1295 Datasheet HTML 92Page - STMicroelectronics STA1295 Datasheet HTML 93Page - STMicroelectronics STA1295 Datasheet HTML 94Page - STMicroelectronics STA1295 Datasheet HTML 95Page - STMicroelectronics STA1295 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 109 page
background image
Electrical characteristics
STA1295, STA1275
92/109
DS12586 Rev 5
Figure 12. ADC input equivalent circuit
4.11
Touch Screen Controller (TSC) electrical characteristics
The following table lists the electrical characteristics of the TSC.
Table 47. ADC input equivalent circuit parameters values
Min.
Typ.
Max.
Unit
R1
1.5 K
2 K
2.5 K
Ohm
C1
4p
5p
6p
Farad
R2
1.1 K
1.5 K
1.9 K
Ohm
C2
1p
1.4p
2p
Farad
Zin
—
1M
—
Ohm
Table 48. Touch screen controller
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
VDDTSC
SR Full scale voltage input span(1)
1. It is the same as ADC voltage reference range.
3.0
3.3
3.6
V
CIN
S
Total input capacitance(2)
2. Equivalent to Cp1 + Cp2 + Cs in ADC section.
13
pF
ILEAK
S
Input leakage
-2
+2
μA
tSETTLE
S
Panel settling time(3)
3. Controlled by the Touch Screen Configuration Register (TSCCONFIG).
0.01
100
ms
tTOUCH
S
Touch detect delay(3)
0.01
50
ms
RON-P
P
Y+, X+ drivers on resistance
IOH = -30 mA
12
Ω
RON-N
P
Y-, X- drivers on resistance
IOL = +30 mA
13
Ω
IPANEL
P
Panel driver current capability
30
mA
VTOUCH P
Touch detect comparator threshold(4)
4. Measured as VIH on X+ input.
VDDTSC = 3.0 V
2.1
V
VTOHYS
S
Touch detect comparator hysteresis
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com