Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 47Page - STMicroelectronics STA1295 Datasheet HTML 48Page - STMicroelectronics STA1295 Datasheet HTML 49Page - STMicroelectronics STA1295 Datasheet HTML 50Page - STMicroelectronics STA1295 Datasheet HTML 51Page - STMicroelectronics STA1295 Datasheet HTML 52Page - STMicroelectronics STA1295 Datasheet HTML 53Page - STMicroelectronics STA1295 Datasheet HTML 54Page - STMicroelectronics STA1295 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 109 page
background image
DS12586 Rev 5
51/109
STA1295, STA1275
Package pinouts and signal description
106
FSMC_ADVn
GPIO85
AA14
O
VIO
FSMC Address Valid. When low
indicates address valid on SMADQ
bus.
FSMC_DACK
GPIO16
R22
OVIO
FSMC. External DMA transfer
request acknowledge.
GPIO31
F4
FSMC_DREQ
GPIO17
Y23
IVIO
FSMC. External DMA transfer
request.
GPIO33
Y22
SQI_FDBSCK
GPIO6
D14
I
VIO
SQI. Feedback clock.
It must be used for clock frequencies
above 60 MHz.
FSMC_WPn
GPIO100
A12
O
VIO
FSMC Write protect. (active low).
FSMC_SMADQ_0
GPIO99
C11
I/O
VIO
FSMC. Multiplexed address/data line
0.
FSMC_SMADQ_1
GPIO98
B12
I/O
VIO
FSMC. Multiplexed address/data line
1.
FSMC_SMADQ_4
GPIO95
D10
I/O
VIO
FSMC. Multiplexed address/data line
4.
FSMC_SMADQ_5
GPIO94
B11
I/O
VIO
FSMC. Multiplexed address/data line
5.
FSMC_SMADQ_6
GPIO93
C10
I/O
VIO
FSMC. Multiplexed address/data line
6.
FSMC_SMADQ_7
GPIO92
A10
I/O
VIO
FSMC. Multiplexed address/data line
7.
FSMC_SMADQ_8
GPIO49
A13
I/O
VIO
FSMC. Multiplexed address/data line
8.
FSMC_SMADQ_9
GPIO50
A14
I/O
VIO
FSMC. Multiplexed address/data line
9.
FSMC_SMADQ_10
GPIO108
E13
I/O
VIO
FSMC. Multiplexed address/data line
10.
FSMC_SMADQ_11
GPIO109
C12
I/O
VIO
FSMC. Multiplexed address/data line
11.
FSMC_SMADQ_12
GPIO110
B15
I/O
VIO
FSMC. Multiplexed address/data line
12.
FSMC_SMADQ_13
GPIO111
B14
I/O
VIO
FSMC. Multiplexed address/data line
13.
FSMC_SMADQ_14
GPIO112
C14
I/O
VIO
FSMC. Multiplexed address/data line
14.
FSMC_SMADQ_15
GPIO113
C13
I/O
VIO
FSMC. Multiplexed address/data line
15.
FSMC_SMADQ_2
GPIO97
A11
I/O
VIO
FSMC. Multiplexed address/data line
2.
Table 26. Memory signals (continued)
Name
GPIOs
BALLs DIR
Power
domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com