Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 80Page - STMicroelectronics STA1295 Datasheet HTML 81Page - STMicroelectronics STA1295 Datasheet HTML 82Page - STMicroelectronics STA1295 Datasheet HTML 83Page - STMicroelectronics STA1295 Datasheet HTML 84Page - STMicroelectronics STA1295 Datasheet HTML 85Page - STMicroelectronics STA1295 Datasheet HTML 86Page - STMicroelectronics STA1295 Datasheet HTML 87Page - STMicroelectronics STA1295 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 109 page
background image
Electrical characteristics
STA1295, STA1275
84/109
DS12586 Rev 5
The 32.768 kHz oscillator is connected between M3_SXTALI (oscillator amplifier input) and
M3_SXTALO (oscillator amplifier output). It also requires two external capacitors of CL pF,
as shown in Figure 4.
Figure 4. 32.768 kHz crystal connection
The specifications of a typical external crystal are shown in the table below.
Table 39. Oscillator amplifier specifications
Symbol
Parameter
Limit values
Unit
Min.
Typ.
Max.
TSXTAL
V Startup time
15
× Lm/Rm
1.5
s
Tduty cycle(Zi & NZi) V Duty cycle
40
50
60
%
—V
Amplitude of oscillation at
M3_SXTALO
1.6
2.6
V
PSXTAL
S
Power consumption during
stable oscillation
—10
—
μA
GM0-SXTAL
P Transconductance
28
—
56
μA/V
Rneg
S Negative resistance
350
500
k
Ω
Fs
S Frequency stability
25
PPM
Table 40. Typical crystal recommended specifications
Symbol
Parameter
Limit values
Unit
Min.
Typ.
Max.
FSXTAL
SR
Crystal frequency
—
32.768
—
kHz
LMSXTAL
—
Motion inductance
—
11.8
—
mH
CMSXTAL
—
Motional capacitance
—
2.0
—
fF
RMSXTAL
—
Motional resistance
—
50
—
k
Ω
COSXTAL
—
Shunt capacitance
—
3.5
—
pF
CLSXTAL
—
Load capacitance(1)
1. Total capacitance, including board and package parasitics.
—22
—
pF
CL
CL
32.768 kHz
Crystal
SXTALI
SXTALO
Device
LMSXTAL RMSXTAL CMSXTAL
COSXTAL
Crystal Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com