Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 15Page - STMicroelectronics STA1295 Datasheet HTML 16Page - STMicroelectronics STA1295 Datasheet HTML 17Page - STMicroelectronics STA1295 Datasheet HTML 18Page - STMicroelectronics STA1295 Datasheet HTML 19Page - STMicroelectronics STA1295 Datasheet HTML 20Page - STMicroelectronics STA1295 Datasheet HTML 21Page - STMicroelectronics STA1295 Datasheet HTML 22Page - STMicroelectronics STA1295 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
DS12586 Rev 5
19/109
STA1295, STA1275
System description
106
intensive tasks to offload main CPU. The secure subsystem communicates with the
application running on Cortex® A7 using a Hardware Mailbox interrupt based mechanism.
2.15
Crypto accelerator engine
In order to efficiently support security, STA1275 and STA1295 embed a dedicated, flexible
hardware accelerator for the following set of cryptographic operations:
•
DES, TripleDES
•
AES 128, 192, 256:
Modes of operation: ECB, CBC, CTR, XTS, CCM, GCM, CFB, OFB, CMAC
•
SHA1, SHA256, SHA384, SHA512 with HMAC
•
Public Key Accelerator for RSA, DH, Elliptic Curve Cryptography
•
TRNG, for random number generation, compliant with NIST SP800-90B
These cryptographic acceleration features, along with the embedded secure OTP, the
TrustZone aware bus infrastructure, and secure ROM boot, provide a complete set of
components to build a secure system, for data confidentiality, integrity, as well as code
integrity and rollback protection.
2.16
General purpose ADC
The system is equipped with 10-inputs SAR ADC with a resolution of 10-bits and sampling
frequency up to 2.5 MHz. In addition, a second instance of the same SAR ADC implements
a continuous voltage monitoring on 6 more channels, to support DC offset detection feature
in hardware.
2.17
GPIOs
STA1275 and STA1295 have a total of 160 GPIOs, which can be independently configured
either as INPUT or OUTPUT. In order to make the system flexible, these IOs are multiplexed
on PINs with other peripherals. Alternate function scheme is described in Table 10.
GPIOs are divided into 3 sets:
•
128 application GPIOs:
Most of system digital IOs are exposed as alternate functions of application GPIOs.
This allows maximum flexibility in system definition.
•
16 secure GPIOs (s_GPIO):
This set of GPIOs can be selectively configured as secure, in order to securely control
IO functionality, for secure blocks which expose an interface.
•
16 M3_GPIOs:
This set of IOs is dedicated to the Cortex® M3 microcontroller and its peripherals.
2.17.1
Application GPIO alternate function mapping
Note:
All GPIOs pins are configured by default at reset in GPIO input mode. As an exception to
this general rule, the reset default state of GPIO108 to GPIO113 depends on the value
latched at reset of REMAP[1:0] (Refer to Table 10 footnote (1)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com