Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 46Page - STMicroelectronics STA1295 Datasheet HTML 47Page - STMicroelectronics STA1295 Datasheet HTML 48Page - STMicroelectronics STA1295 Datasheet HTML 49Page - STMicroelectronics STA1295 Datasheet HTML 50Page - STMicroelectronics STA1295 Datasheet HTML 51Page - STMicroelectronics STA1295 Datasheet HTML 52Page - STMicroelectronics STA1295 Datasheet HTML 53Page - STMicroelectronics STA1295 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 109 page
background image
Package pinouts and signal description
STA1295, STA1275
50/109
DS12586 Rev 5
ADC3_VREFN
—
G17
P
—
ADC3 (SAR) Vref negative.
Connect it to ADC2_3_AGND.
ADC3_VREFP
—
K16
P
—
ADC3 (SAR) Vref positive.
USB0_VDD3V3
—
N17
P
—
USB0 3.3 V supply.
USB0_AGND
—
M18
P
—
USB0 analog supply ground.
USB1_VDD3V3
—
N18
P
—
USB1 3.3 V supply.
USB1_AGND
—
M17
P
—
USB1 3.3 V supply.
USB_VREG_1V1
—
L21
P
—
LDO 1.1 V (USB) output.
Connect it to 4.7 uF capacitor to
GND.
USB_VREG_1V8
—
M21
P
—
LDO 1.8 V (USB) output.
Connect it to 4.7 uF capacitor to
GND.
USB_VREG3V3_1V1
—
L17
P
—
LDO 1.1 V (USB) 3.3 V supply.
USB_VREG3V3_1V8
—
R18
P
—
LDO 1.8 V (USB) 3.3 V supply.
COMP0
—
G6
P
—
Compensation cell input.
Connect to external 121 kOhm
res. 1% to GND.
COMP1
—
G5
P
—
Compensation cell input.
Connect to external 121 kOhm
res. 1% to GND.
COMP2
—
V17
P
—
Compensation cell input.
Connect to external 121 kOhm
res. 1% to GND.
GNDBGCOMP1
—
G7
P
—
Analog ground
GNDBGCOMP2
—
V18
P
—
Analog ground
VREG_BYPASS
—
F17
P
—
Test signal. Connect it to GND on
the application board.
Table 26. Memory signals
Name
GPIOs
BALLs DIR
Power
domain
Description
FSMC_SMAD16/CLE GPIO106
D13
O
VIO
FSMC. Address line 16 - NAND CLE.
FSMC_SMAD17/ALE GPIO105
B13
O
VIO
FSMC. Address line 17 - NAND ALE.
SQI_CE1n
GPIO101
F19
O
VIO
SQI. Chip select 1 (active low).
FSMC_NAND_CS0N GPIO107
E12
O
VIO
FSMC. NAND chip select. (active
low).
SQI_CE0n
GPIO113
C13
O
VIO
SQI. Chip select 0 (active low).
Table 25. Power signals (continued)
Name
GPIOs
BALLs DIR
Power
domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com