Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 13Page - STMicroelectronics STA1295 Datasheet HTML 14Page - STMicroelectronics STA1295 Datasheet HTML 15Page - STMicroelectronics STA1295 Datasheet HTML 16Page - STMicroelectronics STA1295 Datasheet HTML 17Page - STMicroelectronics STA1295 Datasheet HTML 18Page - STMicroelectronics STA1295 Datasheet HTML 19Page - STMicroelectronics STA1295 Datasheet HTML 20Page - STMicroelectronics STA1295 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 109 page
background image
DS12586 Rev 5
17/109
STA1295, STA1275
System description
106
2.11.1
Audio interfaces
A complete set of audio interfaces is provided, in order to simplify integration with amplifiers,
and input sources. Each interface can be routed to the sound subsystem. A complete list of
audio interfaces is provided below:
•
1x AUX ADC:
–
18 bit Delta Sigma ADCs with 98 dB A-weighted
–
83 dB THD internally
–
multiplexed between AUX line and tuner line
–
ADC inputs are single ended 3.3 V
•
2x Voice ADC (for MIC-IN and TEL-IN) for high quality hands-free at 8/16/24 kHz:
–
18 bit Delta Sigma ADCs with 98 dB A-weighted
–
83 dB THD
–
Both voice and TEL-IN lines are differential inputs
•
3x Stereo DAC delivering:
–
103 dB A-weighted
–
90 dB THD
–
DAC outputs are single ended 3.3 V
•
3x i2s IN
•
3x i2s OUT
•
1x MSP IN/OUT, TDM capable
•
1x SPDIF IN for CD/CDROM input with hardware block decoder for CDROM error
correction
2.11.2
Routing and sample rate converter
Each audio interface can be routed in both directions (IN/OUT) through sample rate
converters, which allow normalizing the sampling rate to the sound processing engine. The
audio routing infrastructure is designed to deliver high quality sample rate conversion on
multiple channels, allowing simultaneous audio streams, such as BlueTooth Hands Free
and audio media playback, to be handled without CPU load.
In order to generate multiple sampling rate audio frequencies, a dedicated fractional PLL is
also provided. This PLL also allows an efficient implementation of iPOD playback, by
dynamically adjusting the reconstructed audio sampling rate without CPU overload.
2.11.3
Sound DSP
STA1275 and STA1295 are equipped with three (3) 150 MIPS 24-bit fixed point Harvard
architecture DSPs (for a total of 450 MIPS) dedicated to sound processing, fully integrated
with the sound subsystem with a specific isochronous bus. DSPs are provided with an
integrated sound processing library implementing effects like gain, balancing and equalizer.
•
STA1275 and STA1295 are equipped with 2 DSPs configured as:
–
6 k x 32 bit program PRAM
–
4 k x 24 bit data XRAM
–
4 k x 24 bit data YRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com