Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 91 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 87Page - STMicroelectronics STA1295 Datasheet HTML 88Page - STMicroelectronics STA1295 Datasheet HTML 89Page - STMicroelectronics STA1295 Datasheet HTML 90Page - STMicroelectronics STA1295 Datasheet HTML 91Page - STMicroelectronics STA1295 Datasheet HTML 92Page - STMicroelectronics STA1295 Datasheet HTML 93Page - STMicroelectronics STA1295 Datasheet HTML 94Page - STMicroelectronics STA1295 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 109 page
background image
DS12586 Rev 5
91/109
STA1295, STA1275
Electrical characteristics
106
4.10
ADC2 and ADC3: SAR ADCs electrical characteristics
The SAR ADC is a successive approximation 10 bit Analog-to-Digital converter. Its
characteristics are reported in the table below.
Table 46. ADC conversion characteristics
Symbol
Parameter
Conditions(1)
1. VDD = 3.3 V, TJ = -40 to +125 °C, unless otherwise specified and analog input voltage from VAGND to
VAREF.
Min. Typ. Max. Unit
VREFE SR External reference voltage(2)
2. VREFP
≤ VDDA + 25 mV.
—3.0
3.3
3.6
V
RREFE S
External reference input impedance
—
75
—
—
k
Ω
VREFI V
Internal reference voltage
—
1.95
2.0
2.05
V
tSTART S
Start-up time
From Enable to
first EOC
—
—
10
μs
fCK
SR
ADC clock frequency (depends on system
configuration)
—4
—
13
MHz
fs
SR Sampling + conversion cycle
—
—
14
—
cycle
INL
P
Integral non linearity
—
-2
—
2
LSB
DNL
P
Differential non linearity(3)
3. No missing codes.
—-1
—
1
LSB
OFS
P
Offset error
—
-5
—
5
LSB
GNE
P
Gain error
—
-2
—
2
LSB
TUE
P
Total unadjusted error
Without current
injection
-6
—
6
LSB
IINJ
V
Max positive/negative injection(4)
4. Maximum current injection without ADC performance degradation.
—–3
—
3
mA
SNR
V
Signal-to-noise ratio
—
58
—
—
dB
THD
V
Total harmonic distortion
—
63
—
—
dB
SINAD V
Signal-to-noise and distortion
—
58
—
—
dB
ENOB V
Effective number of bits
—
9.4
—
—
bits
ISAM
S
Average sampling current drawn from
input source
——
5
—
μA/M
sps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com