Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 8Page - STMicroelectronics STA1295 Datasheet HTML 9Page - STMicroelectronics STA1295 Datasheet HTML 10Page - STMicroelectronics STA1295 Datasheet HTML 11Page - STMicroelectronics STA1295 Datasheet HTML 12Page - STMicroelectronics STA1295 Datasheet HTML 13Page - STMicroelectronics STA1295 Datasheet HTML 14Page - STMicroelectronics STA1295 Datasheet HTML 15Page - STMicroelectronics STA1295 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 109 page
background image
System description
STA1295, STA1275
12/109
DS12586 Rev 5
2.8.5
Rasterization
Texture cache size
32 cache lines, with 64 bytes per cache line; 2 KB texture cache total
Texture coordinate fraction
bits
5 bits
Texture sampler units
8 samplers, indexable
Textures per fragment
maximum
8 texture samplers
Dependent texture operation
High performance; unlimited dependent texture reads
Dependent texture per
fragment max, relative
sampling
No limit
Texture repeat max
256
Texture types
2D cube map, 1D, projected, depth, bump map, displacement map
Texture filters
Point sample, bi-linear, tri-linear
Texture component mapping:
D3D, OGL ES options
Supports both D3D and OES options
Texture size types
Power-of-2, Non-square texture support
Table 4. Texture processing features (continued)
Features
GPU support
Table 5. Rasterization
Features
GPU support
Interpolant attributes
8
Render target size
8K x 8K
Clipping window
Clipping rectangle supported
Early Z
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com