Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 67Page - STMicroelectronics STA1295 Datasheet HTML 68Page - STMicroelectronics STA1295 Datasheet HTML 69Page - STMicroelectronics STA1295 Datasheet HTML 70Page - STMicroelectronics STA1295 Datasheet HTML 71Page - STMicroelectronics STA1295 Datasheet HTML 72Page - STMicroelectronics STA1295 Datasheet HTML 73Page - STMicroelectronics STA1295 Datasheet HTML 74Page - STMicroelectronics STA1295 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
DS12586 Rev 5
71/109
STA1295, STA1275
Package pinouts and signal description
106
P GND
DDR_
DQ5
DDR_
DQ6
DDR_
DQ7
DDR_
DM0
PLL_
VSS
VDDQ
GND
VDD
GND
GND
GND
R
DDR_
RASn
DDR_
CASn
GND
DDR_
CS0n
DDR_
CS1n
DDR_
WEn
VDDQ
GND
VDD
VDD
VDD
VDD
T GND
DDR_
ODT0
DDR_
ODT1
VDDQ
GND
VDDQ
VDDQ
GND
GND
GND
GND
GND
U VDDQ
DDR_
CKE0
DDR_
CKE1
DDR_
BA2
DDR_
DTO_1
GND
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
V GND
DDR_
BA0
DDR_
BA1
DDR_
AD0
DDR_
DTO_0
DDR_
AD15
PLL_
VDD
PLL_
VSS
VREF
VDDQ
GND
GND
W
DDR_
CK
DDR_
CKn
GND
DDR_
AD12
DDR_
AD13
DDR_
DQ27
DDR_
DQ29
DDR_
DM3
DDR_
DQ19
DDR_
DQ20
DDR_
DM2
VDDQ
Y GND
DDR_
AD2
DDR_
AD8
VDDQ
DDR_
AD14
DDR_
DQ26
VDDQ
DDR_
DQ31
DDR_
DQ18
VDDQ
DDR_
DQ23
GND
A
A
DDR_
AD1
DDR_
AD4
DDR_
AD7
GND
DDR_
AD11
DDR_
DQ25
GND
DDR_
DQ30
DDR_
DQ17
GND
DDR_
DQ22
VDDQ
A
B
VDDQ
DDR_
AD3
DDR_
AD6
DDR_
AD10
DDR_
ATO
DDR_
DQ24
DDR_
DQS3n
DDR_
DQ28
DDR_
DQ16
DDR_
DQS2n
DDR_
DQ21
GND
A
C
GND
VDDQ
DDR_
AD5
DDR_
AD9
DDR_
RESET
n
GND
DDR_
DQS3
GND
GND
DDR_
DQS2
GND
VDDQ
Table 28. STA1275 and STA1295 ballout (part 1/2) (continued)
123456
789
10
11
12
Table 29. STA1275 and STA1295 ballout (part 2/2)
13
14
15
16
17
18
19
20
21
22
23
A GPIO49 GPIO50 GPIO53 GPIO57 GPIO59 GPIO9
GPIO11 GPIO10 GPIO12 GPIO3
GND
B
GPIO
105
GPIO
111
GPIO
110
GPIO62 GPIO60 GPIO58 GPIO4
GPIO5
GPIO0
GPIO1
GPIO8
C
GPIO
113
GPIO
112
GPIO55 GPIO56 GPIO61 GPIO13
M3_
CLK32K
OUT
GPIO40 GPIO41 GPIO42 GPIO43
D
GPIO
106
GPIO6
GPIO52 GPIO54
M3_
XTALI
M3_
XTALO
GPIO2
GPIO32
TSC_
YN_
AIN3
TSC_
XP_
AIN0
TSC_
XN_
AIN1
E
GPIO
108
VDD_2_
5V
GND
VDD_IO
_ON
GPIO48
VDD_
ON_
VREG
GPIO47 GPIO46
TSC_
YP_
AIN2
DAC_
VCOM
DAC_
VHI
F VDD
GND
VDD
OSC
32K_
GND
VREG_
BY
PASS
ADC2_
AIN5
GPIO
101
S_GPIO
2
ADC2_
AIN6
DAC_
OUT2L
DAC_
OUT2R
G VDD
VDD
ADC2_3
_AGND
ADC2_3
_AVDD
ADC3_
VREFN
DAC_IO
_AVDD
ADC3_
AIN1
S_GPIO
5
ADC3_
AIN2
DAC_
OUT0R
DAC_
OUT0L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com