Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 44Page - STMicroelectronics STA1295 Datasheet HTML 45Page - STMicroelectronics STA1295 Datasheet HTML 46Page - STMicroelectronics STA1295 Datasheet HTML 47Page - STMicroelectronics STA1295 Datasheet HTML 48Page - STMicroelectronics STA1295 Datasheet HTML 49Page - STMicroelectronics STA1295 Datasheet HTML 50Page - STMicroelectronics STA1295 Datasheet HTML 51Page - STMicroelectronics STA1295 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
Package pinouts and signal description
STA1295, STA1275
48/109
DS12586 Rev 5
VDDQ
(Cont’d)
—
T6
P
—
DDR3L I/O power
—
T7
—
—
U1
—
—
U7
—
—
U8
—
—
U9
—
—
U10
—
—
U11
—
—
U12
—
—
V10
—
—
W12
—
—
Y4
—
—
Y7
—
—
Y10
—
—
AA12
—
—
AB1
—
—
AC2
—
—
AC12
—
VREF
—
M6
P
—
DDR3L reference voltage
typically 0.5*VDDQ
—
V9
—
PLL_VDD
—
L6
P
—
2.5 V for DDR_PLL to be shorted
with DDR_PLL_2V5
—
N6
—
—
V7
—
DDR_PLL_2V5
—
W15
P
—
2.5 V LDO (PLL) output voltage
(Analog power for DDR_PLL).
Connect it to a 4.7 uF capacitor
to GND.
DDR_PLL_3V3
—
W14
P
—
3.3 V for DDR_PLL LDO
DDR_PLL_DVDD
—
W13
P
—
1.2 V Digital supply for DDR PLL
DDR_PLL_DGND
—
W17
P
—
Digital ground
DDR_PLL_AGND
—
W16
P
—
Analog ground
PLL_VSS
—
K6
P
—
Analog ground
—
P6
—
—
V8
—
Table 25. Power signals (continued)
Name
GPIOs
BALLs DIR
Power
domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com