Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 27Page - STMicroelectronics STA1295 Datasheet HTML 28Page - STMicroelectronics STA1295 Datasheet HTML 29Page - STMicroelectronics STA1295 Datasheet HTML 30Page - STMicroelectronics STA1295 Datasheet HTML 31Page - STMicroelectronics STA1295 Datasheet HTML 32Page - STMicroelectronics STA1295 Datasheet HTML 33Page - STMicroelectronics STA1295 Datasheet HTML 34Page - STMicroelectronics STA1295 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 109 page
background image
DS12586 Rev 5
31/109
STA1295, STA1275
Package pinouts and signal description
106
Table 16. System and power management signals
Name
GPIOs
BALLs DIR
Power
domain
Description
CLKOUT0
M3_GPIO15
A9
O
VIO
Programmable clock output 0
CLKOUT1
GPIO51
C5
O
VIO
Programmable clock output 1
WAKE0
—
—
I
VIO_AON
Wake up signal line 0.
An event on this line wakes the system
up from Stand-By state.
WAKE1
—
—
I
VIO_AON
Wake up signal line 1.
An event on this line wakes the system
up from Stand-By state.
WAKE2
—
—
I
VIO_AON
Wake up signal line 2.
An event on this line wakes the system
up from Stand-By state.
WAKE3
—
—
I
VIO_AON
Wake up signal line 3.
An event on this line wakes the system
up from Stand-By state.
WAKE4
—
—
I
VIO_AON
Wake up signal line 4.
An event on this line wakes the system
up from Stand-By state.
WAKE5
—
—
I
VIO_AON
Wake up signal line 5.
An event on this line wakes the system
up from Stand-By state.
WAKE6
—
—
I
VIO_AON
Wake up signal line 6.
An event on this line wakes the system
up from Stand-By state.
WAKE7
—
—
I
VIO_AON
Wake up signal line 7.
An event on this line wakes the system
up from Stand-By state.
JTAGSEL
—
H20
I
VIO
Test Signal. It selects whether the JTAG
is used for ATE test or as debug port.
Connect it to GND in the application.
M3_CLK32KOUT —
C19
O
VIO_AON Output 32 kHz clock
M3_IGNKEY
—
M20
I
VIO_AON
PMU Ignition Key signal.
Used by PMU to change the state of the
system (Normal, Standby). (Edge
sensitive).
M3_LVI
—
U23
I
VIO_AON
PMU Low Voltage Indication.
With system in OFF state, LVI when
high enable the transition to standby or
Normal state.
With system in Standby or in Normal it
indicates a battery low voltage.
M3_ONOFF
—
T21
I
VIO_AON
PMU ON/OFF.
Used by PMU to change the state of the
system (Normal, Standby). (Edge
sensitive).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com