Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 73Page - STMicroelectronics STA1295 Datasheet HTML 74Page - STMicroelectronics STA1295 Datasheet HTML 75Page - STMicroelectronics STA1295 Datasheet HTML 76Page - STMicroelectronics STA1295 Datasheet HTML 77Page - STMicroelectronics STA1295 Datasheet HTML 78Page - STMicroelectronics STA1295 Datasheet HTML 79Page - STMicroelectronics STA1295 Datasheet HTML 80Page - STMicroelectronics STA1295 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 109 page
background image
DS12586 Rev 5
77/109
STA1295, STA1275
Electrical characteristics
106
Ψj-c
S
Thermal resistance junction to case(1)
—1
°C/W
Θj-a
S
Thermal resistance junction to ambient(2)
—
18.5
°C/W
Ψj-b
S
Thermal resistance junction to board(2)
—11
°C/W
Ψj-c
S
Thermal resistance junction to case(2)
—1
°C/W
Θj-a
S
Thermal resistance junction to ambient(3)
—
17.2
°C/W
Ψj-b
S
Thermal resistance junction to board(3)
—
10.3
°C/W
Ψj-c
S
Thermal resistance junction to case(3)
—1
°C/W
1. LFBGA 19x19 package, thermal simulation with 2s2p board as per Jedec standard JESD51-7;
Tamb = 85 °C.
2. LFBGA 19x19 package, thermal simulation with 4 layer application board; Tamb = 85 °C.
3. LFBGA 19x19 package, thermal simulation with 6 layer application board; Tamb = 85 °C.
Table 34. Frequency limits
Symbol
Parameter
Test
condition
Limit values
Notes
Unit
Min.
Typ.
Max.
FCLK-A7(1)
P
Operating frequency
Cortex® A7 CP.
ECO version (-E).
VDD = 1.14 V
TC = 85 °C
—600(2)
650
—
MHz
FCLK-M3(1)
P
Operating Cortex-M3 CPU
frequency
——
208
—
FVIP(1)
P Operating frequency for VIP
—
—
240
—
FSSP(1)
P
Operating frequency for SSP
in master mode
——
52
—
FSAI(1)
P Operating frequency for SAI
—
—
12
—
FSQI(1)
P Operating frequency for SQI
—
—
125
—
FDDR3(1)
P
Operating frequency for
DDR3L
——
660
—
FLCD(1)
P
Operating frequency for
single display LCD
——
156
Edge
shift
mode
FLCD(1)
P
Operating frequency for dual
display LCD
——
38
—
FSDMMC0(1) P
Operating frequency for
SDMMC0
—96(3) 104(3)
1.8 V
SDIO
mode
FSDMMC1(1) P
Operating frequency for
SDMMC1/2
—48(3)
52(3)
—
Table 33. Thermal characteristics (continued)
Symbol
Parameter
Limit values
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com