Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 83Page - STMicroelectronics STA1295 Datasheet HTML 84Page - STMicroelectronics STA1295 Datasheet HTML 85Page - STMicroelectronics STA1295 Datasheet HTML 86Page - STMicroelectronics STA1295 Datasheet HTML 87Page - STMicroelectronics STA1295 Datasheet HTML 88Page - STMicroelectronics STA1295 Datasheet HTML 89Page - STMicroelectronics STA1295 Datasheet HTML 90Page - STMicroelectronics STA1295 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 109 page
background image
DS12586 Rev 5
87/109
STA1295, STA1275
Electrical characteristics
106
The equivalent circuit representative of the MIC ADC input is depicted in Figure 6.
Figure 6. MICADC input equivalent circuit
4.9.2
ADC0: Audio
ΣΔ ADC electrical characteristics
IMIC_BIAS
V
Current through MIC_BIAS
2
mA
IDD_AMICADC C
Analog current consumption
6.5
mA
1. Max variation due to process mismatch +/- 5%
Table 43. MICADC electrical characteristics (continued)
Symbol
Parameter
Limit values
Unit
Min.
Typ.
Max.
Table 44.
ΣΔ Audio ADC electrical characteristics
Symbol
Parameter
Limit values
Unit
Min.
Typ.
Max.
VASupply
SR Analog supply
3.0
3.3
3.6
V
Vin
SR Single ended analog input
2.8(1)
1. Max possible tolerable variation +/-5%
Vp-p
1.0(1)
Vrms
Vcom
P
DC coupled input common mode
1.5
1.65
1.8
V
AC coupled input common mode
0
1.65
3.3
SNR
V
Signal to noise ratio
(A-weighted, 1 kHz, 0 dBFs, BW = 20 kHz)
91
94
dB
THD + N
V
Total harmonic distortion + noise
-80
-87
dB
IDD_ASDADC
C
Analog current consumption
12.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com