Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 3Page - STMicroelectronics STA1295 Datasheet HTML 4Page - STMicroelectronics STA1295 Datasheet HTML 5Page - STMicroelectronics STA1295 Datasheet HTML 6Page - STMicroelectronics STA1295 Datasheet HTML 7Page - STMicroelectronics STA1295 Datasheet HTML 8Page - STMicroelectronics STA1295 Datasheet HTML 9Page - STMicroelectronics STA1295 Datasheet HTML 10Page - STMicroelectronics STA1295 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
DS12586 Rev 5
7/109
STA1295, STA1275
System description
106
2
System description
2.1
Application processor
STA1275 and STA1295 processing capability relies on an ARM® Cortex® A7 (single or dual,
according to the versions) running at up to 650 MHz, delivering 2500+ DMIPS with minimal
heat dissipation requirements. The application processor has 32 KB of instruction cache
and 32 KB of data cache, as well as 256 KB of L2 cache for high throughput and low latency
tasks. The Cortex® A7 core implementation is equipped with a dedicated PLL and power
domain, in order to achieve best thermal/MIPS performance compromise in all application
scenarios.
The application processor is connected to the system via an efficient bus matrix
infrastructure, implementing flexible QoS and trust zone features.
2.2
Memory architecture
2.2.1
Embedded memory
STA1275 and STA1295 embed 768 KB of 64 bits SRAM memory clocked at 200 MHz,
which can be used for secure data storage.The whole embedded memory is also cacheable
and can be accessed by DMA.
2.2.2
DDR controller
DDR controller supports DDR3L JEDEC interface 16 or 32 bits wide (depending on the
versions), clocked at up to 660 MHz, allowing an optimal solution for throughput intensive
applications.
Such memory is cacheable, and can be accessed by DMA, and is flexibly configurable as
secure/non-secure.
2.2.3
SQI NOR interface
The SQIO controller allows interfacing Serial Quad I/O flash memories up to 125 MHz
(SDR).
Main features are:
•
Direct flash memory access
•
Fast memory access through page buffer (256 bytes)
•
Programmable single or quad I/O flash interface
SQI memory space can be partitioned in order to reserve a portion of the NOR device to the
Secure CAN Subsystem.
2.2.4
Parallel memory interface
FSMC static memory controller provides a generic 16-bits parallel interface suitable to
connect SRAM and NAND devices. This peripheral allows execution in-place from SRAMs,
as well as DMA accesses. Such interface can be used to store boot code into NAND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com