Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 98 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 94Page - STMicroelectronics STA1295 Datasheet HTML 95Page - STMicroelectronics STA1295 Datasheet HTML 96Page - STMicroelectronics STA1295 Datasheet HTML 97Page - STMicroelectronics STA1295 Datasheet HTML 98Page - STMicroelectronics STA1295 Datasheet HTML 99Page - STMicroelectronics STA1295 Datasheet HTML 100Page - STMicroelectronics STA1295 Datasheet HTML 101Page - STMicroelectronics STA1295 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 109 page
background image
Electrical characteristics
STA1295, STA1275
98/109
DS12586 Rev 5
4.14.4
LCD interface timing
The following tables provide the timings for LCD interface.
The launching edge is programmable: the edge should be chosen in such a way that
capturing occurs on the clock edge opposite to the launching edge.
Timings are provided taking the active edge at SoC side as reference.
4.14.5
VIP interface timing
The following table provides the timings for VIP interface.
Table 60. SQIO
Type
Symbol
Min Max Unit Load
Notes
Clock
CLK freq
—
125 MHz 25 pF
—
CLK period
8
—
ns
25 pF
CLK duty cycle
40
60
%
—
Input
TIS
0
—
ns
—
TIH
2
—
ns
—
Output Todly
-1
1
ns
25 pF
Table 61. LCD - Single display
Type
Symbol
Min
Max Unit
Load
Notes
Clock
Display CLK freq
—
156
MHz 25 pF
—
Display CLK period
6.41
—
ns
25 pF
Display CLK duty cycle
40
60
%
—
Pixel CLK freq
—
156
MHz 25 pF
Pixel CLK period
6.41
—
ns
25 pF
Pixel CLK duty cycle
40
60
%
—
Output Todly
-0.72
1
ns
25 pF
Table 62. LCD - Dual display with edge shift (valid for each display output)
Type
Symbol
Min
Max
Unit
Load
Notes
Clock
Display CLK freq
—
44.55 MHz 25 pF
—
Display CLK period
22.45
—
ns
25 pF
Display CLK duty cycle
40
60
%
—
Pixel CLK freq
—
89.1
MHz 25 pF
Pixel CLK period
11.22
—
ns
25 pF
Pixel CLK duty cycle
40
60
%
—
Output Todly
-2.5
3.5
ns
25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com