Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 91Page - STMicroelectronics STA1295 Datasheet HTML 92Page - STMicroelectronics STA1295 Datasheet HTML 93Page - STMicroelectronics STA1295 Datasheet HTML 94Page - STMicroelectronics STA1295 Datasheet HTML 95Page - STMicroelectronics STA1295 Datasheet HTML 96Page - STMicroelectronics STA1295 Datasheet HTML 97Page - STMicroelectronics STA1295 Datasheet HTML 98Page - STMicroelectronics STA1295 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
DS12586 Rev 5
95/109
STA1295, STA1275
Electrical characteristics
106
4.13
Temperature sensor
4.14
Interface timing characteristics
The values for interface timings provided in the paragraphs belonging to this section refer to
the following diagrams valid respectively for:
•
Input data sampled on the rising edge of the clock
•
Input data sampled on the falling edge of the clock
•
Output data generated on the rising edge of the clock
•
Output data generated on the falling edge of the clock
Figure 13. Timing diagrams
4.14.1
SDMMC0 interface timing
The following tables provide the timings for SDMMC0 interface.
Table 54. Temperature sensor
Symbol
Parameter
Limit values
Unit
Min.
Typ. Max.
Tsens C Sensitivity
—
—
1
°C
Tacc
C
Accuracy
+/-4
—
+/-6
°C
Tmax S Start-up time for analog core after PDN signal is asserted(1)
1. Corresponds to bit 31 of Thermal sensor control register
——
0.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com