Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 78Page - STMicroelectronics STA1295 Datasheet HTML 79Page - STMicroelectronics STA1295 Datasheet HTML 80Page - STMicroelectronics STA1295 Datasheet HTML 81Page - STMicroelectronics STA1295 Datasheet HTML 82Page - STMicroelectronics STA1295 Datasheet HTML 83Page - STMicroelectronics STA1295 Datasheet HTML 84Page - STMicroelectronics STA1295 Datasheet HTML 85Page - STMicroelectronics STA1295 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
Electrical characteristics
STA1295, STA1275
82/109
DS12586 Rev 5
The following is a representation of allowed signal levels, overshoot and undershoot
conditions:
Table 38. Digital DC characteristics at 1.8 V
Symbol
Parameter
Test condition
Limit values
Unit
Min.
Typ.
Max.
VIL
P
Logical input low
level voltage
VDD_IO_1V8 = 1.8 V
-0.3
—
0.35
×
VDD_IO_1V8
V
VIH
P
Logical input
high level voltage
VDD_IO_1V8 = 1.8 V
0.65
×
VDD_IO_1V8
—
VDD_IO_1V8 +
0.3
V
VHYST S
Schmitt-trigger
hysteresis
—150
—
—
mV
VTH+
S
Schmitt-trigger
high threshold
—
———
—
VTL-
S
Schmitt-trigger
low threshold
—
———
—
RPU
P
Equivalent pull-
up
——
50
—
k
Ω
RPD
P
Equivalent pull-
down
—
———
—
VOL
P
Low level output
voltage
IOL = 4 mA
—
—
0.4
V
VOH
P
High level output
voltage
IOL = 4 mA
VDD_IO_1V8
- 0.4
——
V
IIH
S
High level input
current
——
—
< 1
uA
IIL
S
Low level input
current
——
—
< 1
uA
CIN
S
Input Pin
Capacitance
——
—
1.5
pf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com