Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 5Page - STMicroelectronics STA1295 Datasheet HTML 6Page - STMicroelectronics STA1295 Datasheet HTML 7Page - STMicroelectronics STA1295 Datasheet HTML 8Page - STMicroelectronics STA1295 Datasheet HTML 9Page - STMicroelectronics STA1295 Datasheet HTML 10Page - STMicroelectronics STA1295 Datasheet HTML 11Page - STMicroelectronics STA1295 Datasheet HTML 12Page - STMicroelectronics STA1295 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 109 page
background image
DS12586 Rev 5
9/109
STA1295, STA1275
System description
106
The main features are:
•
Video overlay
•
Supported color formats:
RGB565, ARGB8888, YUV422, YUV 420 PLANAR
•
Gamma correction (using independent look-up tables for R, G, B)
•
Dithering
•
Configurable alpha blending modes, with either buffer alpha or constant alpha
2.6
Touch screen controller
Embedded 10-bit resistive touch screen controller allows to control 7-inch display touch
screens.
2.7
Video Input Port
The Video Input Port (VIP) allows to grab images from external devices, supporting parallel
CCIR-656 interface up to 54 MHz. Both embedded synchronization and external
synchronization are supported. VIP supports both interlaced or progressive modes.
The VIP is synchronized with display controller to prevent tearing effects, and is used in
conjunction with SGA to implement on the fly YUV to RGB color conversion and bilinear
interpolated re-scaling.
2.8
3D graphics engine
STA1275 and STA1295 come with a powerful 3D, allowing smooth HMI rendering with
impressive transition effects quality, as well as navigation and instrument clusters rendering.
The 3D engine is based on a unified shader architecture, based on an ultra-threaded SIMD
processor that performs as both vertex shader and fragment shader with IEEE 32bit floating
point full precision. When used as a vertex shader it performs geometry transformations and
lighting computations. When used as a fragment shader it applies texture data and
computes color values for each pixel.
The main features are:
•
OpenGL® ES 2.0 / 1.1 compliance, including extensions; OpenVG™ 1.1
•
IEEE 32-bit floating-point pipeline
•
Ultra-threaded, unified vertex and fragment (pixel) shaders
•
Low bandwidth at both high and low data rates
•
Low CPU loading
•
Up to 12 programmable elements per vertex
•
Dependent texture operation with high-performance
•
Alpha blending
•
Depth and stencil compare
•
Point sampling, bi-linear sampling, tri-linear filtering, and cubic textures
•
Resolve and FastClear
•
8k x 8k texture size and 8k x 8k rendering target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com