Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 9Page - STMicroelectronics STA1295 Datasheet HTML 10Page - STMicroelectronics STA1295 Datasheet HTML 11Page - STMicroelectronics STA1295 Datasheet HTML 12Page - STMicroelectronics STA1295 Datasheet HTML 13Page - STMicroelectronics STA1295 Datasheet HTML 14Page - STMicroelectronics STA1295 Datasheet HTML 15Page - STMicroelectronics STA1295 Datasheet HTML 16Page - STMicroelectronics STA1295 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
DS12586 Rev 5
13/109
STA1295, STA1275
System description
106
2.8.6
Fragment processing
2.8.7
Z/Stencil buffer features
2.8.8
Render Target / Alpha blending
Table 6. Fragment processing
Features
GPU support
Fragment color,
alpha, Z, stencil
precision
Bits
Format
Alpha
R
G
B
16
ARGB4444 4444
16
XRGB4444 4 (not used) 4
4
4
16
ARGB1555 1555
16
XRGB1555 1 (not used) 5
5
5
16
RGB565
0565
32
ARGB8888 8888
32
XRGB8888 8 (not used) 8
8
8
32
ABGR8888 8888
32
XBGR8888 8 (not used) 8
8
8
Bits
Format
Depth
Stencil
16
D16
16
0
32
D24S8
24
8
Fragment storage
16-bit color and Z, 32-bit color and Z for each fragment
Lossless compression, no storage reduction
Alpha support
Individual fragment alpha masking
Fragment cache
16 cache lines for color
16 cache lines for Z
16 bytes per cache line
Table 7. Z/Stencil buffer features
Features
GPU support
Z/stencil formats
16-bit Z; 24-bit Z plus 8-bit stencil, with lossless compression support
Z/stencil buffer
16 cache lines; 64 bytes per line
Stencil support
Stencil compression, two-sided stencil
Table 8. Render Target / Alpha blending
Features
GPU support
Formats
16-bit and 32-bit, with lossless compression support
RT buffer cache
16 cache lines; 64 bytes per line<
RT caches are fully set associative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com