Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 89 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 85Page - STMicroelectronics STA1295 Datasheet HTML 86Page - STMicroelectronics STA1295 Datasheet HTML 87Page - STMicroelectronics STA1295 Datasheet HTML 88Page - STMicroelectronics STA1295 Datasheet HTML 89Page - STMicroelectronics STA1295 Datasheet HTML 90Page - STMicroelectronics STA1295 Datasheet HTML 91Page - STMicroelectronics STA1295 Datasheet HTML 92Page - STMicroelectronics STA1295 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 109 page
background image
DS12586 Rev 5
89/109
STA1295, STA1275
Electrical characteristics
106
4.9.3
DAC electrical characteristics
Figure 9. DAC output equivalent circuit
Table 45. DAC electrical characteristics
Symbol
Parameter
Limit values
Unit
Min.
Typ.
Max.
VASupply
SR Analog supply
3.0
3.3
3.6
V
Vrms(1)
1. No external load resistance.
V
Analog RMS output
741
780
819
mVrms
Vrms(2)
2. External load resistance: 500 Ohm series on 10 kOhm next stage (10/10.5 partition).
V
Analog RMS output
693
730
766
mVrms
Vcom
P—
—
1.45(3)
3. Max variation due to process mismatch +/- 5%.
—V
Cmax
SR Maximum output load
—
—
10
pF
Rmin
SR Minimum output resistance
10K
—
—
Ohm
SNR
V
Signal to Noise ratio
(A-weighted, BW = 20 kHz, 1 kHz, -60 dBFs)
98
103
—
dB
THD + N V
Total harmonic distortion + Noise
(A-weighted, BW = 20 kHz, 1 kHz, 0dbFS)
-82
-90
—
dB
PSRR
V
Power supply rejection ratio
57
—
78
dB
Rs
C
Series resistance at output
40
50
60
Ohm
IDD_ADAC C
Analog current consumption of single DAC
—
—
8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com