Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 81Page - STMicroelectronics STA1295 Datasheet HTML 82Page - STMicroelectronics STA1295 Datasheet HTML 83Page - STMicroelectronics STA1295 Datasheet HTML 84Page - STMicroelectronics STA1295 Datasheet HTML 85Page - STMicroelectronics STA1295 Datasheet HTML 86Page - STMicroelectronics STA1295 Datasheet HTML 87Page - STMicroelectronics STA1295 Datasheet HTML 88Page - STMicroelectronics STA1295 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 109 page
background image
DS12586 Rev 5
85/109
STA1295, STA1275
Electrical characteristics
106
There are two ways to drive the 32.768 kHz crystal pins from an external clock source:
•
Bypass mode (for test). Enable the bypass mode (bit XCOSC32K_BYPASS= 1b in
PMU_CTRL register). Apply external single ended clock at M3_SXTALI. Input clock
should be of CMOS level (Low = GND, High = VDDIO_ON).
•
Force Through Mode. Apply external single ended clock at M3_SXTALI. Input clock
should be of CMOS level (Low = GND, High = VDDIO_ON). Clock is available after
OSC startup time. The node M3_SXTALO must not be tied high as this may cause
large current to enter amplifier and damage it permanently.
4.8.3
24-26 MHz oscillator specifications
The internal oscillator amplifier specifications are shown in the table below.
The 24 to 26 MHz oscillator is connected between MXTALI (oscillator amplifier input) and
MXTALO (oscillator amplifier output). It also requires two external load capacitors of CL pF,
as shown in Figure 5.
The specifications of a typical external crystal are shown in the table below.
Table 41. Oscillator amplifier specifications
Symbol
Parameter
Limit values
Unit
Min. Typ. Max.
TMXTAL
V
Startup time
3.4
ms
Tduty cycle(Zi & NZi) V
Duty cycle
40% 50% 60%
%
—
V
Amplitude of oscillation at MXTALO
0.4
1.6
V
PSXTAL
S
Power consumption during stable oscillation
—
—
8
μA
GM0-MXTAL
P
Transconductance
8.5
15.8 mA/V
Rneg
S
Negative resistance
175
285
Ω
F
S
Frequency stability
25
PPM
Table 42. Typical crystal recommended specifications
Symbol
Parameter
Limit values
Unit
Min.
Typ.
Max.
FMXTAL
SR
Crystal frequency
24
MHz
LMMXTAL, 24 MHz XTAL
—
4.0
mH
CMMXTAL, 24 MHz XTAL
—
10.1
—
fF
RMMXTAL
Motional resistance
—
20
—
Ω
COMXTAL
Shunt capacitance
—
—
4.0
pF
CLMXTAL
Load capacitance(1)
1. Total capacitance, including package and board parasitics.
——
30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com