Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 79Page - STMicroelectronics STA1295 Datasheet HTML 80Page - STMicroelectronics STA1295 Datasheet HTML 81Page - STMicroelectronics STA1295 Datasheet HTML 82Page - STMicroelectronics STA1295 Datasheet HTML 83Page - STMicroelectronics STA1295 Datasheet HTML 84Page - STMicroelectronics STA1295 Datasheet HTML 85Page - STMicroelectronics STA1295 Datasheet HTML 86Page - STMicroelectronics STA1295 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 109 page
background image
DS12586 Rev 5
83/109
STA1295, STA1275
Electrical characteristics
106
Figure 3. Signal overshoot and undershoot limits
The maximum signal level allowed is Vddnom + 0.3 V.
Signal overshoots up to V(os) (that is 0.5 V above Vddnom level) are allowed, for a time
T(os) that must be shorter than the smaller between 2nsec and 1/3 of the signal's Tcycle
(that is 2nsec for "slow" signals, 1/3 of the cycle time for “fast” signals).
Signal undershoots up to V(us) (that is 0.5 V below Gnd level) are allowed, for a time T(us)
that must be shorter than the smaller between 2nsec and 1/3 of the signal's Tcycle (that is
2nsec for "slow" signals, 1/3 of the cycle time for "fast" signals).
4.8
AC characteristics
4.8.1
Oscillator electrical specifications
This device contains two oscillators:
•
a 32.768 kHz oscillator
•
a 24-26 MHz oscillator
Each requires a specific crystal, with parameters that must be as close as possible to the
following recommended values.
Clock from external source can also be applied on input pins.
4.8.2
32.768 kHz oscillator specifications
The internal oscillator amplifier specifications are shown in the table below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com