Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 28Page - STMicroelectronics STA1295 Datasheet HTML 29Page - STMicroelectronics STA1295 Datasheet HTML 30Page - STMicroelectronics STA1295 Datasheet HTML 31Page - STMicroelectronics STA1295 Datasheet HTML 32Page - STMicroelectronics STA1295 Datasheet HTML 33Page - STMicroelectronics STA1295 Datasheet HTML 34Page - STMicroelectronics STA1295 Datasheet HTML 35Page - STMicroelectronics STA1295 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
Package pinouts and signal description
STA1295, STA1275
32/109
DS12586 Rev 5
M3_PWREN
—
V22
O
VIO_AON
PMU Power Enable.
Used by the PMU to enable external
voltage regulator, when moving out of
Standby state.
M3_VDDOK
—
U22
I
VIO_AON
PMU VDDOK.
This signal is used by the PMU to detect
if the external power is valid. The PMU
moves to Normal state if VDDOK = 1.
SYS_MXTALI
—
P20
I
VIO
Crystal input. 24/26 MHz crystal.
SYS_MXTALO
—
N20
O
VIO
Crystal output.
M3_XTALI
—
D17
I
VIO_AON Crystal input. 32 kHz RTC clock.
M3_XTALO
—
D18
O
VIO_AON Crystal output.
SYS_SYSRES
—
AC21
I
VIO
System reset active low.
OTP_FUSE_HV
—
F5
P
VIO
OTP programming voltage.
Leave it floating in the application.
Table 17. Analog audio signals
Name
GPIOs BALLs DIR Power domain
Description
ADC0_AIN1_L
—
J22
I
ADC0_AVDD ADC0 (Audio). Analog input 1 left channel.
ADC0_AIN1_R
—
K22
I
ADC0_AVDD
ADC0 (Audio). Analog input 1 right
channel.
ADC0_AIN2_L
—
J21
I
ADC0_AVDD ADC0 Audio). Analog input 2 left channel.
ADC0_AIN2_R
—
L20
I
ADC0_AVDD
ADC0 (Audio). Analog input 2 right
channel.
ADC1_AIN1_N
—
K23
I
ADC1_AVDD
ADC1 (Voice). Analog auxiliary differential
input 1 negative.
ADC1_AIN1_P
—
J23
I
ADC1_AVDD
ADC1 (Voice). Analog auxiliary differential
input 1 positive.
ADC1_MICIN_N —
H23
I
ADC1_AVDD
ADC1 (Voice). Analog MIC differential
input negative.
ADC1_MICIN_P —
H22
I
ADC1_AVDD
ADC1 (Voice). Analog MIC differential
input positive.
DAC_OUT0L
—
G23
O
DAC I/OAVDD DAC0. Analog output Channel 0 left.
DAC_OUT0R
—
G22
O
DAC I/OAVDD DAC0. Analog output channel 0 right.
DAC_OUT1L
—
H21
O
DAC I/OAVDD DAC1. Analog output channel 1 left.
DAC_OUT1R
—
J20
O
DAC I/OAVDD DAC1. Analog output channel 1 right.
DAC_OUT2L
—
F22
O
DAC I/OAVDD DAC2. Analog output channel 2 left.
DAC_OUT2R
—
F23
O
DAC I/OAVDD DAC2. Analog output channel 2 right.
Table 16. System and power management signals (continued)
Name
GPIOs
BALLs DIR
Power
domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com