Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 49 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 45Page - STMicroelectronics STA1295 Datasheet HTML 46Page - STMicroelectronics STA1295 Datasheet HTML 47Page - STMicroelectronics STA1295 Datasheet HTML 48Page - STMicroelectronics STA1295 Datasheet HTML 49Page - STMicroelectronics STA1295 Datasheet HTML 50Page - STMicroelectronics STA1295 Datasheet HTML 51Page - STMicroelectronics STA1295 Datasheet HTML 52Page - STMicroelectronics STA1295 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
DS12586 Rev 5
49/109
STA1295, STA1275
Package pinouts and signal description
106
ADC0_1_AVDD
—
M16
P
—
ADC0 and ADC1 analog 3.3 V
supply.
ADC0_1_AGND
—
N16
P
—
ADC0 and ADC1 analog 3.3 V
supply ground.
ADC0_1_VCM
—
K19
P
—
ADC0, ADC1 common voltage.
Connect 10nF and 10uF
capacitors connected to GND.
ADC0_1_VRFN
—
L16
P
—
ADC0 and ADC1 Vref negative.
Connect it to GND.
ADC0_1_VRFP
—
K20
P
—
ADC0 and ADC1 Vref positive.
Connect 10nF and 10uF
capacitors connected to GND.
MIC_BIAS
—
K21
P
—
Bias voltage for microphone.
2.5 V +/- 5% 4mA max.
DAC_IO_AGND
—
H19
P
—
DAC0, DAC1, DAC2 I/O analog
3.3 V supply.
—
K18
—
DAC_IO_AVDD
—
G18
P
—
DAC0, DAC1, DAC2 I/O analog
3.3 V supply ground.
—
J19
—
DAC_AVDD
—
J18
P
—
DAC0, DAC1, DAC2 analog
3.3 V supply.
DAC_AGND
—
H18
P
—
DAC0, DAC1, DAC2 analog
3.3 V supply ground.
DAC_VCOM
—
E22
P
—
DAC0, DAC1, DAC2 common
voltage.
Connect 10 nF and 10 uF
capacitors to DAC_AGND.
DAC_VHI
—
E23
P
—
DAC0, DAC1, DAC2 analog
positive reference.
Connect 10 nF and 10 uF
capacitors to DAC_AGND.
DAC_VLO
—
K17
P
—
DAC0, DAC1, DAC2 analog
negative reference.
Connect it to DAC_AGND.
ADC2_3_AVDD
—
G16
P
—
ADC2 (SAR) analog 3.3 V
supply.
—
H17
—
ADC2_3_AGND
—
G15
P
—
ADC2 (SAR) analog 3.3 V supply
ground.
ADC2_VREFN
—
J17
P
—
ADC2 (SAR) Vref negative.
Connect it to ADC2_3_AGND.
ADC2_VREFP
—
P19
P
—
ADC2 (SAR) Vref positive.
Table 25. Power signals (continued)
Name
GPIOs
BALLs DIR
Power
domain
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com