Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 14Page - STMicroelectronics STA1295 Datasheet HTML 15Page - STMicroelectronics STA1295 Datasheet HTML 16Page - STMicroelectronics STA1295 Datasheet HTML 17Page - STMicroelectronics STA1295 Datasheet HTML 18Page - STMicroelectronics STA1295 Datasheet HTML 19Page - STMicroelectronics STA1295 Datasheet HTML 20Page - STMicroelectronics STA1295 Datasheet HTML 21Page - STMicroelectronics STA1295 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
System description
STA1295, STA1275
18/109
DS12586 Rev 5
•
And a third DSP configured as:
–
8k x 32 bit program PRAM
–
32k x 24 bit data XRAM
–
16k x 24 bit data YRAM
Each DSP is connected to other DSPs and audio peripherals by means of a programmable
isochronous bus infrastructure which guarantees a controlled throughput and latency for all
audio transfers.
2.12
Ethernet MAC Controller
Connection to Ethernet infrastructure is supported by the ETH MAC, which can be
connected to an external PHY with either RGMII or RMII interfaces. Ethernet MAC also
implements AVB features, and is compatible with the following standards:
•
IEEE 1588-2008 for precision networked clock synchronization
•
IEEE 802.1AS-2011 and 802.1-Qav-2009 for Audio Video (AV) traffic
•
RGMII/RTBI specification version 2.6 from HP/Marvell
•
RMII specification version 1.2 from RMII consortium
MAC controller has separate channels or queues for AV data transfer in 100 Mbps and
1000 Mbps modes with single Tx/Rx FIFOs for all selected queues.
2.13
System DMA
DMA is designed to efficiently perform memory to memory, and memory to peripherals
transfers, offloading such tasks from the processor, thus reducing interrupt handling load.
DMA provides 16 independent channels which can be dynamically assigned to different
data-path. Complex scatter/gather transfers can be implemented by programming specific
DMA command linked lists.
2.14
Secure CAN subsystem
STA1275 and STA1295 allow isolating critical code from main application by implementing a
dedicated subsystem based on ARM® Cortex® M3, along with:
•
256 KB dedicated embedded SRAM
•
Interrupt controller
•
Timers
•
CAN controller, implementing CAN (CAN0) and FD-CAN (CAN1 and CAN2)
•
Dedicated GPIOs
•
Dedicated Wakeup lines
•
Back-up RAM in always on domain
•
Local RTC
•
Secure OTP, user programmable
All of the above can be completely isolated from the rest of the system. This subsystem can
be dedicated to implement secure features, such as boot authentication, as well as interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com