Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 2 Page - STMicroelectronics

  STA1295 Datasheet HTML 1Page - STMicroelectronics STA1295 Datasheet HTML 2Page - STMicroelectronics STA1295 Datasheet HTML 3Page - STMicroelectronics STA1295 Datasheet HTML 4Page - STMicroelectronics STA1295 Datasheet HTML 5Page - STMicroelectronics STA1295 Datasheet HTML 6Page - STMicroelectronics STA1295 Datasheet HTML 7Page - STMicroelectronics STA1295 Datasheet HTML 8Page - STMicroelectronics STA1295 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 109 page
background image
STA1295, STA1275
2/109
DS12586 Rev 5
I/O interfaces
• 1x 10 channels 10-bits ADC
• 1x 6 channels ADC for DC detection
• 3x I2C multi-master/slave interfaces
• 4x UART controller
• 3x Synchronous Serial Port (SSP/SPI)
• 5x 32-bit GPIO ports
• JTAG based In-Circuit Emulator (ICE) with Embedded Trace Module
Operating conditions
• ARM_VDD, VDD: 1.14 V - 1.26 V
• VDD_IO_3V3: 3.3 V ±10%
• DDR3L VDDQ: 1.35 V ±5%
• VDD_IO_ON: 3.3 V ±10%,
• Ambient temperature range: -40°C / +85°C
• Junction temperature range: -40°C / +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com