Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1295 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STA1295
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1295 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STA1295 Datasheet HTML 68Page - STMicroelectronics STA1295 Datasheet HTML 69Page - STMicroelectronics STA1295 Datasheet HTML 70Page - STMicroelectronics STA1295 Datasheet HTML 71Page - STMicroelectronics STA1295 Datasheet HTML 72Page - STMicroelectronics STA1295 Datasheet HTML 73Page - STMicroelectronics STA1295 Datasheet HTML 74Page - STMicroelectronics STA1295 Datasheet HTML 75Page - STMicroelectronics STA1295 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 109 page
background image
Package pinouts and signal description
STA1295, STA1275
72/109
DS12586 Rev 5
H VDD
GND
VDD
GND
ADC2_3
_AVDD
DAC_
AGND
DAC_IO
_AGND
JTAG
SEL
DAC_
OUT1L
ADC1_
MICIN_
P
ADC1_
MICIN_
N
J GND
VDD
GND
VDD
ADC2_
VREFN
DAC_
AVDD
DAC_IO
_AVDD
DAC_
OUT1R
ADC0_
AIN2_L
ADC0_
AIN1_L
ADC1_
AIN1_P
K GND
GND
VDD
ADC3_
VREFP
DAC_
VLO
DAC_IO
_AGND
ADC0_1
_VCM
ADC0_1
_VRFP
MIC_
BIAS
ADC0_
AIN1_R
ADC1_
AIN1_N
L GND
GND
GND
ADC0_1
_VRFN
USB_
VREG3
V3_1V1
ADC2_
AIN4
USB_
REXT
ADC0_
AIN2_R
USB_
VREG_
1V1
USB1_
DP
USB1_
DN
M GND
GND
VDD
ADC0_1
_AVDD
USB1_
AGND
USB0_
AGND
ADC2_
AIN9
M3_
IGNKEY
USB_
VREG_
1V8
USB0_
DP
USB0_
DN
N GND
GND
GND
ADC0_1
_AGND
USB0_
VDD
3V3
USB1_
VDD
3V3
ADC3_
AIN0
SYS_
MXTAL
O
ADC3_
AIN4
ADC3_
AIN5
ADC2_
AIN7
P GND
GND
VDD
VDD_2_
5V_
PLL3_4
PLL_
VREG
3.3V
VDD_
2_5V_
PLL1_2
ADC2_
VREFP
SYS_
MXTALI
ADC2_
AIN8
GPIO19 GPIO21
R GND
VDD
GND
ARM_
VDD
ARM_
VDD
USB_
VREG3
V3_1V8
VDD_2_
5V_
XOSC
M3_
GPIO7_
WAKE7
GPIO20 GPIO16 GPIO18
T
VDD_IO
_3V3
VDD_IO
_3V3
VDD_IO
_3V3
ARM_
VDD
ARM_
VDD
ARM_
VDD
ARM_
VDD
M3_
GPIO3_
WAKE3
M3_ON
OFF
GPIO15 GPIO7
U
VDD_IO
_3V3
VDD_IO
_3V3
VDD_IO
_3V3
VDD_IO
_3V3
ARM_
VDD
ARM_
VDD
ARM_
VDD
M3_
GPIO0_
WAKE0
M3_
GPIO1_
WAKE1
M3_
VDDOK
M3_LVI
V
VDD_IO
_3V3
VDD_IO
_3V3
VDD_IO
_3V3
XOSC_
GND
COMP2
GNDBG
COMP2
ADC3_
AIN3
M3_
GPIO2_
WAKE2
M3_
GPIO4_
WAKE4
M3_
PWREN
M3_
GPIO6_
WAKE6
W
DDR_
PLL_
DVDD
DDR_
PLL_
3V3
DDR_
PLL_
2V5
DDR_
PLL_
AGND
DDR_
PLL_
DGND
SOC_
AGND
S_GPIO
13
S_GPIO
15
GPIO25
S_GPIO
12
M3_
GPIO5_
WAKE5
Y GPIO88 GPIO84 GPIO80 GPIO76 GPIO72 GPIO68 GPIO63 GPIO23 GPIO24 GPIO33 GPIO17
A
A
GPIO89 GPIO85 GPIO81 GPIO77 GPIO73 GPIO69 GPIO64
S_
GPIO14
JTAG_
TRSTn
JTAG_
TMS
GPIO14
A
B
GPIO90 GPIO87 GPIO82 GPIO78 GPIO74 GPIO70 GPIO65 GPIO22 GPIO30
JTAG_
TDO
JTAG_
TDI
A
C
GPIO91 GPIO86 GPIO83 GPIO79 GPIO75 GPIO71 GPIO66 GPIO67
SYS_
SYS
RES
JTAG_
TCK
GND
Table 29. STA1275 and STA1295 ballout (part 2/2) (continued)
13
14
15
16
17
18
19
20
21
22
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com